Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS65181RGZR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TPS65181RGZR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 44 page TPS65180, TPS65181, TPS65180B, TPS65181B SLVSA76F – MARCH 2010 – REVISED FEBRUARY 2011 www.ti.com MODES OF OPERATION The TPS65180/TPS65181 and TPS65180B/TPS65181B have three modes of operation, SLEEP, STANDBY, and ACTIVE. SLEEP mode is the lowest-power mode in which all internal circuitry is turned off. In STANDBY, all power rails are shut down but the device is ready to accept commands through PWR[3:0] pins and/or I2C interface. In ACTIVE mode one or more power rails are enabled. SLEEP This is the lowest power mode of operation. All internal circuitry is turned off, registers are reset to default values and the device does not respond to I2C communications. TPS65180/TPS65181 and TPS65180B/TPS65181B enter SLEEP mode whenever WAKEUP pin is pulled low. STANDBY In STANDBY all internal support circuitry is powered up and the device is ready to accept commands either through GPIO or I2C control but none of the power rails are enabled. To enter STANDBY mode the WAKEUP pin must be pulled high and all PWRx pins must be pulled low or the STANDBY bit of the ENABLE register must be set high. The device also enters STANDBY mode if input under voltage lock out (UVLO), positive boost under voltage (VB_UV), or inverting buck-boost under voltage (VN_UV) is detected, or thermal shutdown occurs. ACTIVE The device is in ACTIVE mode when any of the output rails are enabled and no fault condition is present. This is the normal mode of operation while the device is powered up. In ACTIVE mode, a falling edge on any PWRx pin shuts down and a rising edge powers up the corresponding rail. MODE TRANSISITONS SLEEP → ACTIVE WAKEUP pin is pulled high (rising edge) with any PWRx pin high. Rails come up in the order defined by the PWR_SEQx registers. SLEEP → STANDBY WAKEUP pin is pulled high (rising edge) with all PWRx pins low. Rails will remain down until one or more PWRx pin is pulled high. ACTIVE → SLEEP WAKEUP pin is pulled low (falling edge). Rails are shut down in the reverse power-up order defined by PWR_SEQ registers. ACTIVE → STANDBY WAKEUP pin is high. All PWRx pins are pulled low (falling edge). Rails shut down in the order in which PWRx pins are pulled low. In the event of thermal shut down (TSD), under voltage lock out (UVLO), positive boost or inverting buck-boost under voltage (UV), or when STANDBY bit is set to 1, the device shuts down all rails in the reverse power-up order defined by the PWR_SEQx registers. STANDBY → ACTIVE WAKEUP pin is high and any PWRx pin is pulled high (rising edge). Rails come up in the same order as PWRx pins are pulled high. Alternatively, if ACTIVE bit is set to 1, output rails will power up in the order defined by the PWR_SEQx registers. STANDBY → SLEEP WAKEUP pin is pulled low (falling edge) while none of the output rails are enabled. 10 Submit Documentation Feedback © 2010–2011, Texas Instruments Incorporated Product Folder Link(s): TPS65180 TPS65181 TPS65180B TPS65181B |
Número de pieza similar - TPS65181RGZR |
|
Descripción similar - TPS65181RGZR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |