Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65182B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65182B
Descripción Electrónicos  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65182B Datasheet(HTML) 4 Page - Texas Instruments

  TPS65182B Datasheet HTML 1Page - Texas Instruments TPS65182B Datasheet HTML 2Page - Texas Instruments TPS65182B Datasheet HTML 3Page - Texas Instruments TPS65182B Datasheet HTML 4Page - Texas Instruments TPS65182B Datasheet HTML 5Page - Texas Instruments TPS65182B Datasheet HTML 6Page - Texas Instruments TPS65182B Datasheet HTML 7Page - Texas Instruments TPS65182B Datasheet HTML 8Page - Texas Instruments TPS65182B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS65182, TPS65182B
SLVSAA2C – MARCH 2010 – REVISED OCTOBER 2010
www.ti.com
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VCOM_PANEL
14
O
Panel common-voltage output pin
VCOM
15
O
Filter pin for panel common-voltage driver
VCOM_PWR
16
I
Internal supply input pin to VCOM buffer. Connect to the output of DCDC2.
SCL
17
I
Serial interface (I2C) clock input
SDA
18
I/O
Serial interface (I2C) data input/output
PWR3
19
I
Enable pin for CP1 (VDDH) (active high)
PWR2
20
I
Enable pin for LDO1 (VPOS) (active high)
PWR1
21
I
Enable pin for CP2 (VEE) (active high)
PWR0
22
I
Enable pin for LDO2 (VNEG) and VCOM (active high)
PWR_GOOD
24
O
Open drain power good output pin (active low)
VN_SW
25
O
Inverting buck-boost converter switch out (DCDC2)
N/C
26
Not connected
VIN_P
27
I
Input power supply to inverting buck-boost converter (DCDC2)
VN
28
I
Feedback pin for inverting buck-boost converter (DCDC2)
VEE_IN
29
I
Input supply pin for CP1 (VEE)
VEE_DRV
30
O
Driver output pin for negative charge pump (CP2)
VEE_D
31
O
Base voltage output pin for negative charge pump (CP2)
VEE_FB
32
I
Feedback pin for negative charge pump (CP2)
PGND2
33
Power ground for CP1 (VDDH) and CP2 (VEE) charge pumps
VDDH_FB
34
I
Feedback pin for positive charge pump (CP1)
VDDH_D
35
O
Base voltage output pin for positive charge pump (CP1)
VDDH_DRV
36
O
Driver output pin for positive charge pump (CP1)
VDDH_IN
37
I
Input supply pin for positive charge pump (CP1)
N/C
38
Not connected
N/C
39
Not connected
VB_SW
40
O
Boost converter switch out (DCDC1)
PGND3
41
Power ground for DCDC1
VB
42
I
Feedback pin for boost converter (DCDC1)
VPOS_IN
43
I
Input pin for LDO1 (VPOS)
VPOS
44
O
Positive supply output pin for panel source drivers
N/C
45
Not connected
N/C
46
Not connected
Thermistor input pin. Connect a 10k NTC thermistor and a 43k linearization resistor
TS
47
I
between this pin and AGND2.
AGND2
48
Reference point to external thermistor and linearization resistor
Die substrate/thermal pad. Connect to VN with short, wide trace. Wide copper trace will
PowerPad (PBKG)
23
improve heat dissipation. PowerPad must not be connected to ground.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65182 TPS65182B


Número de pieza similar - TPS65182B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65182BRGZR TI1-TPS65182BRGZR Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182BRGZT TI1-TPS65182BRGZT Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results

Descripción similar - TPS65182B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com