Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65185RGZT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65185RGZT
Descripción Electrónicos  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65185RGZT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65185RGZT Datasheet HTML 15Page - Texas Instruments TPS65185RGZT Datasheet HTML 16Page - Texas Instruments TPS65185RGZT Datasheet HTML 17Page - Texas Instruments TPS65185RGZT Datasheet HTML 18Page - Texas Instruments TPS65185RGZT Datasheet HTML 19Page - Texas Instruments TPS65185RGZT Datasheet HTML 20Page - Texas Instruments TPS65185RGZT Datasheet HTML 21Page - Texas Instruments TPS65185RGZT Datasheet HTML 22Page - Texas Instruments TPS65185RGZT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
TPS65185
www.ti.com
SLVSAQ8A
– FEBRUARY 2011 – REVISED MAY 2011
VPOS/VNEG SUPPLY TRACKING
LDO1 (VPOS) and LDO2 (VNEG) track each other in a way that they are of opposite sign but same magnitude.
The sum of VLDO1 and VLOD2 is guaranteed to be
< 50 mV.
V3P3 POWER SWITCH
The integrated power switch is used to cut the 3.3-V supply to the EPD panel and is controlled through the
V3P3_EN pin of the ENABLE register. In SLEEP mode the switch is automatically turned off and its output is
discharged to ground. The default power-up state is OFF. To turn the switch ON, set the V3P3_ENbit to 1.
VCOM ADJUSTMENT
VCOM is the output of a power-amplifier with an output voltage range of 0 V to -5.11 V, adjustable in 10-mV
steps. In a typical application VCOM is connected to the VCOM terminal of the EPD panel and the amplifier is
controlled through the VCOM_CTRL pin. With VCOM_CTRL high, the amplifier drives the VCOM pin to the
voltage specified by the VCOM1 and VCOM2 register. When pulled low, the amplifier turns off and VCOM is
actively discharged to ground through VCOM_DIS pin. If active discharge is not desired, simply leave the
VCOM_DIS pin open.
For ease of design, the VCOM_CTRL pin may also be tied to the battery or IO supply. In this case, VCOM is
enabled with STROBE4 during the power-up sequence and disabled on STROBE1 of the power-down sequence.
Therefore VCOM is the last rail to be enabled and the first to be disabled.
KICK-BACK VOLTAGE MEASUREMENT
TPS65185 can perform a voltage measurement on the VCOM pin to determine the kick-back voltage of the
panel. This allows in-system calibration of VCOM. To perform a kick-back voltage measurement, follow these
steps:
Pull the WAKEUP pin and the PWRUP pin high to enable all output rails.
Set the HiZ bit in the VCOM2 register. This puts the VCOM pin in a high-impedance state.
Drive the panel with the Null waveform. Refer to E-Ink specification for detail.
Set the ACQ bit in the VCOM2 register to 1. This starts the measurement routine.
When the measurement is complete, the ACQC (Acquisition Complete) bit in the INT1 register is set and the
nINT pin is pulled low.
The measurement result is stored in the VCOM[8:0] bits of the VCOM1 and VCOM2 register.
Please note that the measurement result is not automatically programmed into non-volatile memory. Changing
the power-up default is described in the following paragraph.
STORING THE VCOM POWER-UP DEFAULT VALUE IN MEMORY
The power-up default value of VCOM can be user-set and programmed into non-volatile memory. To do so, write
the default value to the VCOM[8:0] bits of the VCOM1 and VCOM2 register, then set the PROG bit in VCOM2
register to 1. First, all power rails are shut-down, then the VCOM[8:0] value is committed to non-volatile memory
such that it becomes the new power-up default. Once programming is complete, the PRGC bit in the INT1
register is set and the nINT pin is pulled low. To verify that the new value has been saved properly, first write the
VCOM[8:0] bits to 0x000h, then pull the WAKEUP pin low. After the WAKEUP pin is pulled back high, read the
VCOM[8:0] bits to verify that the new default value is correct.
Copyright
© 2011, Texas Instruments Incorporated
19


Número de pieza similar - TPS65185RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65185RGZT TI1-TPS65185RGZT Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185RGZT TI1-TPS65185RGZT Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185RGZT TI1-TPS65185RGZT Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
More results

Descripción similar - TPS65185RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com