Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS65185RGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS65185RGZT
Descripción  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
Descarga  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS65185RGZT Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
VDDH_IN – 37
N/C – 38
N/C – 39
VB_SW – 40
PGND1 – 41
VB – 42
VPOS_IN – 43
VPOS – 44
VIN3P3 – 45
V3P3 – 46
TS – 47
AGND2 – 48
23 – PWR_GOOD
22 – PBKG
21 – PWRUP
20 – N/C
19 – VPOS_DIS
18 – SDA
17 – SCL
16 – VCOM_PWR
15 – VCOM
14 – VCOM_DIS
13 – N/C
24 – VIN_P
RGZ OR RSL PACKAGE
(TOP VIEW)
TPS65185
www.ti.com
SLVSAQ8A
– FEBRUARY 2011 – REVISED MAY 2011
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
RGZ
TPS65185RGZR
TBD
-10
°C to 85°C
RSL
TPS65185RSLR
TBD
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
DEVICE INFORMATION
TERMINAL FUNCTIONS
(3)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VREF
1
O
Filter pin for 2.25-V internal reference to ADC
INT
2
O
Open drain interrupt pin (active low)
VNEG
3
O
Negative supply output pin for panel source drivers
VNEG_IN
4
I
Input pin for LDO2 (VNEG)
Wake up pin (active high). Pull this pin high to wake up from sleep mode. IC accepts I2C
WAKEUP
5
I
commands after WAKEUP pin is pulled high but power rails remain disabled until
PWRUP pin is pulled high.
DGND
6
Digital ground. Connect to ground plane.
INT_LDO
7
O
Filter pin for 2.7-V internal supply
(3)
There will be 0-ns, 93.75-
µs, 62.52-µs of deglitch for PWRx, WAKEUP, and VCOM_CTRL, respectively.
Copyright
© 2011, Texas Instruments Incorporated
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn