Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65735RSNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65735RSNR
Descripción Electrónicos  PMU For Active Shutter 3D Glasses
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65735RSNR Datasheet(HTML) 5 Page - Texas Instruments

  TPS65735RSNR Datasheet HTML 1Page - Texas Instruments TPS65735RSNR Datasheet HTML 2Page - Texas Instruments TPS65735RSNR Datasheet HTML 3Page - Texas Instruments TPS65735RSNR Datasheet HTML 4Page - Texas Instruments TPS65735RSNR Datasheet HTML 5Page - Texas Instruments TPS65735RSNR Datasheet HTML 6Page - Texas Instruments TPS65735RSNR Datasheet HTML 7Page - Texas Instruments TPS65735RSNR Datasheet HTML 8Page - Texas Instruments TPS65735RSNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TPS65735
www.ti.com
SLVSAI6
– JUNE 2011
PMU For Active Shutter 3D Glasses
Check for Samples: TPS65735
1
INTRODUCTION
• Boost Converter
1.1
Features
– Adjustable Output Voltage: 8 V to 16 V
1
• Linear Charger
– Boost Output Internally Connected to
– Three Charger Phases: Pre-charge, Fast
H-Bridge Analog Switches
Charge, and Charge Termination
• Full H-Bridge Analog Switches
– Externally Set Charge Current, Supports up
– Controlled by an External Microcontroller for
to 100 mA
System Operation
– LED Current Sinks for Power Good and
• Output Pin for Divided Down Battery Voltage
Charger Status Indication
Useful for ADC or Comparator Input of an MCU
• LDO Supply for External Modules
(Microcontroller, RF Module, IR Module)
– LDO Continuous Output Current up to 30 mA
1.2
Description
The TPS65735 is a PMU for active shutter 3D glasses consisting of an integrated power path, linear
charger, LDO, boost converter, and full H-bridge analog switches for left and right shutter operation in a
pair of active shutter 3D glasses. In addition to the power devices, a typical 3D glasses system contains
both a microcontroller and a communications front end (IR, RF, or other) in order to handle the
communication and synchronous operation along with a 3D television.
Figure 1-1. TPS65735 Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS65735RSNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735RSNR TI1-TPS65735RSNR Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
More results

Descripción similar - TPS65735RSNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735 TI1-TPS65735_16 Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
List of Unclassifed Man...
60159 ETC1-60159 Datasheet
7Mb / 2P
   SAFETY GLASSES
Rev. 05/20 A
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
   3D Active Long Range Front-End
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com