Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73525DRVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73525DRVT
Descripción Electrónicos  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73525DRVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73525DRVT Datasheet HTML 5Page - Texas Instruments TPS73525DRVT Datasheet HTML 6Page - Texas Instruments TPS73525DRVT Datasheet HTML 7Page - Texas Instruments TPS73525DRVT Datasheet HTML 8Page - Texas Instruments TPS73525DRVT Datasheet HTML 9Page - Texas Instruments TPS73525DRVT Datasheet HTML 10Page - Texas Instruments TPS73525DRVT Datasheet HTML 11Page - Texas Instruments TPS73525DRVT Datasheet HTML 12Page - Texas Instruments TPS73525DRVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
10 s/div
m
V
OUT
V
EN
C
=10 F
OUT
m
C
=2.2 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
V
EN
V
OUT
C
=2.2 F
OUT
m
C
=10 F
OUT
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
-
10 s/div
m
200mV/div
200mV/div
200mV/div
500mA/div
V
OUT
V
OUT
I
OUT
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
V
=3.0V
IN
500mA
1mA
10 s/div
m
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
1.0
-
V
IN =EN
V
OUT
R =5W
L
10 s/div
m
50mV/div
50mV/div
50mV/div
0.5V/div
V
OUT
V
OUT
V
OUT
V
OUT
V
IN
C
=470 FOSCON
OUT
m
C
=10 F
OUT
m
C
=2.2 F
OUT
m
4V
3V
TPS735xx
www.ti.com
SBVS087J
– JUNE 2008 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2μF, CNR = 0.01μF, unless otherwise noted. For TPS73501, VOUT = 2.8V. The TPS73525 is used as the
evaluation target of the fixed-voltage option in this datasheet. However, this voltage option may not be released. Check the
Package Option Addendum at the end of this document for the availability of the 2.5V version.Typical values are at TJ =
+25
°C.
TPS73525
TURN-ON RESPONSE
TPS73525
(VIN = VEN)
EN RESPONSE OVER STABLE VIN
Figure 15.
Figure 16.
TPS73525
POWER-UP/POWER-DOWN
(VIN = VEN)
TPS73525 LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
TPS73525 LINE TRANSIENT RESPONSE
Figure 19.
Copyright
© 2008–2011, Texas Instruments Incorporated
9


Número de pieza similar - TPS73525DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73525DRVT TI-TPS73525DRVT Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVT TI-TPS73525DRVT Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVT TI-TPS73525DRVT Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVT TI-TPS73525DRVT Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Descripción similar - TPS73525DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com