Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7809 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SI7809
Descripción Electrónicos  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7809 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SI7809 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7809 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
250
-1.5
1.8
_
_
_
_
_
0.5
75
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
11.64
V
RR
VIN=19V,IO=500mA,Tj=25
14.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7812 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=19V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
11.4
12
12.36
12.6
VO
(Line Regulation)
VO
(Load Regulation)
3
_
10
120
60
_
100
60
16V VIN 22V,IO=500mA
5mA IO
1A,
14.5V VIN 30V,IO=500mA,
IQ
IQ
mA
1.3
_
_
14.5V VIN 30V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
15V VIN 25V,f=120Hz,
C
o
VIN 27V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=19V,
Tj=25C
o
250mA IO 750mA,
VIN=19V,
Tj=25 C
o
VIN=19V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=19V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-1.8
1.8
_
_
_
_
_
0.5
90
2
uA
VN
_
70
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
14.55
V
RR
VIN=23V,IO=500mA,Tj=25
17.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7815 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=23V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
14.25
15
15.45
15.75
VO
(Line Regulation)
VO
(Load Regulation)
_
150
75
_
150
75
17.5V VIN 30V,IO=500mA
5mA IO
1A,
17.5V VIN 30V,IO=500mA,
IQ
IQ
mA
1.3
_
_
17.5V VIN 30V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
18.5V VIN
28.5V,f=120Hz,
C
o
VIN 30V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=23V,
Tj=25C
o
250mA IO 750mA,
VIN=23V,
Tj=25 C
o
VIN=23V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=23V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 4 of 6


Número de pieza similar - SI7809

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7802DN VISHAY-SI7802DN Datasheet
181Kb / 3P
   N-Channel 250-V (D-S) MOSFET
07-Oct-04
SI7802DN VISHAY-SI7802DN Datasheet
198Kb / 4P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI7802DN VISHAY-SI7802DN_06 Datasheet
198Kb / 4P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI7804DN VISHAY-SI7804DN Datasheet
66Kb / 5P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. D, 13-Jun-05
SI7804DN VISHAY-SI7804DN Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Descripción similar - SI7809

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com