Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM23T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM23T
Descripción Electrónicos  2.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM23T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM23T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM23T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM22T~SM210T
20V to 100 V
2.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
12-Jan-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Cathode

Anode
RoHS Compliant Product
A suffix of “-C” specifies and halogen-free
FEATURES
Schottky barrier rectifier
Guardring protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case: SOD-123T molded plastic body
Polarity: Color band denotes cathode end
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-123T
3K
7’ inch
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM22T
S22
SM26T
S26
SM23T
S23
SM28T
S28
SM24T
S24
SM29T
S29
SM25T
S25
SM210T
S2A
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
Parameter
Symbol
Part Number
Units
Test
Conditions
SM
22T
SM
23T
SM
24T
SM
25T
SM
26T
SM
28T
SM
29T
SM
210T
Recurrent Peak
Reverse Voltage (Max.)
VRRM
20
30
40
50
60
80
90
100
V
RMS Voltage (Max.)
VRMS
14
21
28
35
42
56
63
70
V
Reverse Voltage (Max.)
VR
20
30
40
50
60
80
90
100
V
Forward Voltage (Max.)
VF
0.50
0.75
0.85
V
IFM=2.0A (Note 1)
Forward
Rectified Current (Max.)
IF(AV)
2
A
TL=90°C
Peak Forward Surge Current
IFSM
50
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
Reverse Current (Max.)
IR
0.4
0.03
mA
TJ=25°C
10
5
TJ=125°C
Thermal Resistance (Max.)
RJL
28
°C/W
Junction to Lead
Operating Temperature
Range
TJ
-55 ~ 125
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
Note:
1. Pulse test:Pulse width 300
s, duty cycle 1%
SOD-123T
E
F
B
C
D
A
G
H
I
J
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
2.90
F
0.70
0.90
B
1.75
1.95
G
0.75
0.85
C
0.90
1.00
H
0.75
0.85
D
3.60
3.80
I
1.28
1.32
E
0.20 Typ.
J
1.08
1.12


Número de pieza similar - SM23T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
SM23 KEMET-SM23 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Dc Components
SM230 DCCOM-SM230 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Apacer Technology Inc.
SM230-25 APACER-SM230-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SM230-297 APACER-SM230-297 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SM230-300 APACER-SM230-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results

Descripción similar - SM23T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
   2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS22 YANGJIE-SS22 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS210A-100V-SMAF DGNJDZ-SS210A-100V-SMAF Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM220B GWSEMI-SM220B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com