Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMUN5315DW Datasheet(PDF) 11 Page - SeCoS Halbleitertechnologie GmbH

No. de Pieza. SMUN5315DW
Descripción  NPN / PNP Digital Small Signal Transistor
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo 

SMUN5315DW Datasheet(HTML) 11 Page - SeCoS Halbleitertechnologie GmbH

Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 11 of 28
TYPICAL ELECTRICAL CHARACTERISTICS
SMUN5314DW NPN TRANSISTOR
10
1
0.1
010
20
30
40
50
100
10
1
02
4
68
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
10
1520
25 30
3540
4550
VR, REVERSE BIAS VOL
TAGE (VOL
TS)
Figure 32. VCE(sat) versus IC
IC, COLLECT
OR CURRENT (mA)
020
40
60
80
Figure 33. DC Current Gain
1
10
100
IC, COLLECT
OR CURRENT (mA)
Figure 34. Output Capacitance
Figure 35. Output Current versus Input Voltage
Vin, INPUT VOL
TAGE (VOL
TS)
Figure 36. Input Voltage versus Output Current
IC, COLLECT
OR CURRENT (mA)
1
0.1
0.01
0.001
-25
°C
25°C
TA = 7
5
°C
VCE = 10
300
250
200
150
100
50
0
2468
15
20 40
50 60 70 80
90
f = 1 MHz
lE = 0 V
TA = 25
°C
25°C
IC/I
B = 10
TA = -
25°C
TA = 7
5
°C
25°C
-25
°C
VO = 0.2 V
TA = -
25°C
75°C
VO = 5 V
25°C
75°C
CHARACTERISTIC CURVES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn