Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21070DIH306Z-TK Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL21070DIH306Z-TK
Descripción Electrónicos  25關A Micropower Voltage References Low Power Standby Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070DIH306Z-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL21070DIH306Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
25μA Micropower Voltage References
ISL21070
The ISL21070 voltage references are analog voltage
references featuring low supply voltage operation at ultra-low
25μA max operating current.
Additionally, the ISL21070 family features guaranteed initial
accuracy as low as ±0.2% and 30ppm/°C temperature
coefficient.
These references are ideal for general purpose applications for
performance at lower cost. The ISL21070 is provided in an
industry standard 3 Ld SOT-23 pinout.
The ISL21070 offers output voltages that can be used as
precision voltage sources for control loops, standby voltages
for low power states for DSP, FPGA, Data path Controllers,
Microcontrollers and other core voltages: 0.600V, 2.048V, and
2.5V.
Applications*(see page 10)
• Battery Management/Monitoring
• Low Power Standby Voltages
• Portable Instrumentation
• Consumer/Medical Electronics
• Wearable Electronics
• Lower Cost Industrial and Instrumentation
• Power Regulation Circuits
• Control Loops and Compensation Networks
• LED/Diode Supply
Features
• Reference Output Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.600V, 2.048V, 2.500V
• Initial Accuracy: 0.600V. . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0%
• Initial Accuracy: 2.048V. . . . . . . . . . . . . . . . . . . . . . . . .±0.25%
• Initial Accuracy: 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . ..±0.2%
• Input Voltage Range
- ISL21070-06 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21070-25. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Output Voltage Noise . . . . . . . . . . . . .30μVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25μA (Max)
• Tempco (0.600V only) . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Tempco (all others) . . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C
• Output Current Capability . . . . . . . . . . . . . . . . . . . . . . . ±10mA
• Operating Temperature Range. . . . . . . . . . . .-40°C to +85°C
• Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-Free (RoHS compliant)
Related Literature*(see page 10)
• AN1533, “X-Ray Effects on Intersil FGA References”
• AN1494, “Reflow and PC Board Assembly Effects on Intersil
FGA References”
FIGURE 1. VOUT vs TEMPERATURE NORMALIZED to +25°C
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
TEMPERATURE (°C)
TYP
LOW
HIGH
July 1, 2011
FN7599.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL21070DIH306Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070DIH306Z-TK RENESAS-ISL21070DIH306Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Descripción similar - ISL21070DIH306Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com