Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL21070CIH325Z-TK Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL21070CIH325Z-TK Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 11 page 1 25μA Micropower Voltage References ISL21070 The ISL21070 voltage references are analog voltage references featuring low supply voltage operation at ultra-low 25μA max operating current. Additionally, the ISL21070 family features guaranteed initial accuracy as low as ±0.2% and 30ppm/°C temperature coefficient. These references are ideal for general purpose applications for performance at lower cost. The ISL21070 is provided in an industry standard 3 Ld SOT-23 pinout. The ISL21070 offers output voltages that can be used as precision voltage sources for control loops, standby voltages for low power states for DSP, FPGA, Data path Controllers, Microcontrollers and other core voltages: 0.600V, 2.048V, and 2.5V. Applications*(see page 10) • Battery Management/Monitoring • Low Power Standby Voltages • Portable Instrumentation • Consumer/Medical Electronics • Wearable Electronics • Lower Cost Industrial and Instrumentation • Power Regulation Circuits • Control Loops and Compensation Networks • LED/Diode Supply Features • Reference Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.600V, 2.048V, 2.500V • Initial Accuracy: 0.600V. . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0% • Initial Accuracy: 2.048V. . . . . . . . . . . . . . . . . . . . . . . . .±0.25% • Initial Accuracy: 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . ..±0.2% • Input Voltage Range - ISL21070-06 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V - ISL21070-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V - ISL21070-25. . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V • Output Voltage Noise . . . . . . . . . . . . .30μVP-P (0.1Hz to 10Hz) • Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25μA (Max) • Tempco (0.600V only) . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C • Tempco (all others) . . . . . . . . . . . . . . . . . . . . . . . . . 30ppm/°C • Output Current Capability . . . . . . . . . . . . . . . . . . . . . . . ±10mA • Operating Temperature Range. . . . . . . . . . . .-40°C to +85°C • Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23 • Pb-Free (RoHS compliant) Related Literature*(see page 10) • AN1533, “X-Ray Effects on Intersil FGA References” • AN1494, “Reflow and PC Board Assembly Effects on Intersil FGA References” FIGURE 1. VOUT vs TEMPERATURE NORMALIZED to +25°C 2.4990 2.4995 2.5000 2.5005 2.5010 2.5015 2.5020 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 TEMPERATURE (°C) TYP LOW HIGH July 1, 2011 FN7599.2 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. |
Número de pieza similar - ISL21070CIH325Z-TK |
|
Descripción similar - ISL21070CIH325Z-TK |