Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP100R06KE3 Datasheet(PDF) 3 Page - eupec GmbH

No. de pieza FP100R06KE3
Descripción Electrónicos  EconoPIM3 module with fast trench/fiedstop IGBT and EmCon3 diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUPEC [eupec GmbH]
Página de inicio  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP100R06KE3 Datasheet(HTML) 3 Page - eupec GmbH

  FP100R06KE3 Datasheet HTML 1Page - eupec GmbH FP100R06KE3 Datasheet HTML 2Page - eupec GmbH FP100R06KE3 Datasheet HTML 3Page - eupec GmbH FP100R06KE3 Datasheet HTML 4Page - eupec GmbH FP100R06KE3 Datasheet HTML 5Page - eupec GmbH FP100R06KE3 Datasheet HTML 6Page - eupec GmbH FP100R06KE3 Datasheet HTML 7Page - eupec GmbH FP100R06KE3 Datasheet HTML 8Page - eupec GmbH FP100R06KE3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Technische Information / technical information
FP100R06KE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
7
R
<
#
#
$%& ' ()*
+99:
2/
+
0
" ;
<
0
<
N
" C " "
$, '
)*
3f9:.:
2
;
#
# ;
"
" C " "
N
$, '
)*
39:.:
2
i
" ;
<
#
<
j ' 2 " 1 $%& ' ()*
j ' 2 " 1 $%& ' 2( )*
3f.:
G
(
;
#
3g
j ' 2 " 1 $%& ' ()*
j ' 2 " 1 $%& ' 2( )*
3g
(
2
g
g
Charakteristische Werte / characteristic values
"
" C
0
#
<
#
$%& ' 2( )*1 3f ' 2
+f
212
+
"
$%& ' 2( )*1 +9 ' 2/
+
39
21
"
3
?D " <
"
1 _
0
=Ia,
1(
B?
b
#
# ?D " <
"
1
0
B
c8FE=P ' 2 ?BU"^ W B
cdSPFEP ' 2 ?BU"^ W
=I,e
12((
B?


Número de pieza similar - FP100R06KE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
FP100R06KE3 INFINEON-FP100R06KE3 Datasheet
629Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:2.0
More results

Descripción similar - FP100R06KE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
eupec GmbH
FP50R06KE3G EUPEC-FP50R06KE3G Datasheet
404Kb / 12P
   EconoPIM3 module with the trench/fieldstop IGBT and EmCon3 diode
FS75R06KE3 EUPEC-FS75R06KE3 Datasheet
308Kb / 8P
   EconoPACK with fast trench/fieldstop IGBT and EmCon3 diode
FS200R06KE3 EUPEC-FS200R06KE3 Datasheet
367Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT and EmCon3 diode
FS100R06KE3 EUPEC-FS100R06KE3 Datasheet
376Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT and EmCon3 diode
FS450R17KE3 EUPEC-FS450R17KE3 Datasheet
343Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FS150R17KE3G EUPEC-FS150R17KE3G Datasheet
343Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FP30R06KE3 EUPEC-FP30R06KE3 Datasheet
439Kb / 12P
   EconoPIM2 module with trench/fieldstop IGBT and EmCon3 diode
FS50R06KE3 EUPEC-FS50R06KE3 Datasheet
309Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT and EmCon3 diode
FS225R17KE3 EUPEC-FS225R17KE3 Datasheet
366Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FS300R17KE3 EUPEC-FS300R17KE3 Datasheet
344Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com