Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDC1204-221MF Datasheet(PDF) 3 Page - Superworld Electronics |
|
SDC1204-221MF Datasheet(HTML) 3 Page - Superworld Electronics |
3 / 4 page NOTE : Specifications subject to change without notice. Please check our website for latest information. SUPERWORLD ELECTRONICS (S) PTE LTD PG. 3 17.09.2009 SMD POWER INDUCTORS SDC1204 SERIES 6. RELIABILITY AND TEST CONDITIONS : More than 90% of the terminal electrode Preheating 60 seconds Preheating 2. Inductance change : Within ±20% 1. Appearance : No significant abnormality should be covered with solder. 1. Appearance : No damage 2. Inductance : Within ±20% of initial value. 1. Appearance : No damage 2. Inductance : Within ±20% of initial value. 60 seconds PERFORMANCE Humidity Resistance Life Test High Temperature Reliability Test Thermal Shock Solderability Test Solder Heat Resistance 150°C 260°C 245°C 150°C Mechanical Performance Test ITEM 10±0.5 seconds Humidity : 90% to 95% Temperature : 40±2°C Time : 500 hours Applied Current : Rated Current Total : 50 cycles Time : 500 hours Temperature : 85±2°C -25±2 Temperature (°C) Room Temperature Conditions of 1 cycle. Applied current : rated current Room Temperature +85±2 1 2 4 3 Step 30±3 15 15 30±3 Times (min.) Preheat : 150°C, 60sec. Flux for lead free : rosin Dip Time : 4±1sec. Solder Temperature : 245±5°C Solder : Sn-Ag3.0-Cu0.5 Flux for lead free : rosin Solder Temperature : 260±5°C Dip Time : 10±0.5sec. Preheat : 150°C, 60sec. Solder : Sn-Ag3.0-Cu0.5 Dipping Natural cooling cooling 4±1 seconds Dipping Natural TEST CONDITION Random Vibration Test directions (Total 6 hours). A period of 2 hours in each of 3 mutually perpendicular Directions & times : X, Y, Z directions for 2 hours. Frequency : 10-55-10Hz for 1 min. Amplitude : 1.52mm defects harmful to the characteristics should Appearance : Cracking, chipping & any other not be allowed. 30s max. Pre-heating 90~120s 5s max. 150°C 180°C 230°C 260°C cooling Natural |
Número de pieza similar - SDC1204-221MF |
|
Descripción similar - SDC1204-221MF |