Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDC1207 Datasheet(PDF) 3 Page - Superworld Electronics

No. de pieza SDC1207
Descripción Electrónicos  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1207 Datasheet(HTML) 3 Page - Superworld Electronics

  SDC1207_10 Datasheet HTML 1Page - Superworld Electronics SDC1207_10 Datasheet HTML 2Page - Superworld Electronics SDC1207_10 Datasheet HTML 3Page - Superworld Electronics SDC1207_10 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
23.02.2010
SMD POWER INDUCTORS
SDC1207 SERIES
6. RELIABILITY AND TEST CONDITIONS :
4±1
seconds
Dip Time : 4±1sec.
245°C
Pre-heating
90~120s
5s max.
180°C
150°C
260°C
230°C
30s
max.
Natural
cooling
Appearance : Cracking, chipping & any other
Natural
1. Appearance : No damage
Random Vibration Test
defects harmful to the characteristics should
not be allowed.
Humidity Resistance
2. Inductance : Within ±20% of initial value.
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
10±0.5
seconds
Thermal Shock
High Temperature
Life Test
Reliability Test
150°C
60
seconds
Solder Heat Resistance
1. Appearance : No significant abnormality
2. Inductance change : Within ±20%
260°C
Dipping
Preheating
cooling
150°C
60
seconds
Applied Current : Rated Current
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
directions (Total 6 hours).
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
Time : 500 hours
Times (min.)
15
4
Room Temperature
Total : 50 cycles
Temperature : 40±2°C
Humidity : 90% to 95%
Room Temperature
Temperature (°C)
2
3
Step
1
15
+85±2
30±3
-25±2
30±3
Applied current : rated current
Conditions of 1 cycle.
Temperature : 85±2°C
Time : 500 hours
Preheat : 150°C, 60sec.
Dip Time : 10±0.5sec.
Solder Temperature : 260±5°C
Flux for lead free : rosin
Solder : Sn-Ag3.0-Cu0.5
Mechanical Performance Test
Solderability Test
ITEM
More than 90% of the terminal electrode
should be covered with solder.
Dipping
Preheating
Natural
cooling
PERFORMANCE
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Solder Temperature : 245±5°C
Flux for lead free : rosin
TEST CONDITION


Número de pieza similar - SDC1207_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SDC1207-100MF SUPERWORLD-SDC1207-100MF Datasheet
233Kb / 5P
   SMD POWER INDUCTORS
SDC1207-101MF SUPERWORLD-SDC1207-101MF Datasheet
233Kb / 5P
   SMD POWER INDUCTORS
SDC1207-102MF SUPERWORLD-SDC1207-102MF Datasheet
233Kb / 5P
   SMD POWER INDUCTORS
More results

Descripción similar - SDC1207_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com