Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDL1108N Datasheet(PDF) 5 Page - Superworld Electronics

No. de pieza SDL1108N
Descripción Electrónicos  HIGH CURRENT POWER INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1108N Datasheet(HTML) 5 Page - Superworld Electronics

  SDL1108N Datasheet HTML 1Page - Superworld Electronics SDL1108N Datasheet HTML 2Page - Superworld Electronics SDL1108N Datasheet HTML 3Page - Superworld Electronics SDL1108N Datasheet HTML 4Page - Superworld Electronics SDL1108N Datasheet HTML 5Page - Superworld Electronics SDL1108N Datasheet HTML 6Page - Superworld Electronics SDL1108N Datasheet HTML 7Page - Superworld Electronics SDL1108N Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0
6
12
18
24
30
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
20
40
60
80
100
DLPI1108N-2R0
SDL1108N-2R0MF
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
01.07.2009
HIGH CURRENT POWER INDUCTORS
SDL1108N SERIES
7. CHARACTERISTICS CURVES :
SDL1108N-2R2MF
SDL1108N-2R2MF
D L PI1108N-3R 3M-K0 1
0.0
1.0
2.0
3.0
4.0
5.0
DC CU RRE N T (A)
SDL1108N-3R3MF
SDL1108N-3R3MF


Número de pieza similar - SDL1108N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SDL1108 SUPERWORLD-SDL1108 Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R0MF SUPERWORLD-SDL1108-1R0MF Datasheet
669Kb / 4P
   High Current POWER INDUCTORS
SDL1108-1R2MF SUPERWORLD-SDL1108-1R2MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
SDL1108-1R5MF SUPERWORLD-SDL1108-1R5MF Datasheet
547Kb / 5P
   HIGH CURRENT POWER INDUCTORS
More results

Descripción similar - SDL1108N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
   HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
   HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
   High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
   High current power inductors
HC9 EATON-HC9 Datasheet
441Kb / 4P
   High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
   High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
   High current power inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SDL1008P SUPERWORLD-SDL1008P Datasheet
173Kb / 3P
   HIGH CURRENT POWER INDUCTORS
SDL1310 SUPERWORLD-SDL1310 Datasheet
203Kb / 4P
   HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com