Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STE09S09F Datasheet(PDF) 1 Page - Superworld Electronics

No. de pieza STE09S09F
Descripción Electrónicos  1W Single Output Surface Mount DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUPERWORLD [Superworld Electronics]
Página de inicio  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STE09S09F Datasheet(HTML) 1 Page - Superworld Electronics

  STE09S09F Datasheet HTML 1Page - Superworld Electronics STE09S09F Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STE Series Product Datasheet
www.superworld.com.sg
1 of 2
Pin
Function
1
GND
3
+Vin
5
NC
7
0V
8
+Vout
10
NC
12
NC
14
NC
SUPERWORLD ELECTRONICS
FEATURES
Industry standard SMD package
Ultra-high efficiencies to 87%
Single 1kVdc Isolated Outputs
Operating Temp Range –40
oC to 85oC
Internal Input and Output Filtering
CECC00802 Re-flow (280 deg. C max.)
2 Year Warranty
DESCRIPTION
The STE Series is a reliable high performance solution
for a wide range of applications. The STE is fully
encapsulated in a non-flammable plastic case (meeting
UL 94V-0) and is designed to meet EN60950 and
UL1950 safety standards
. The devices are fully
compatible with CECC00802 to 280 deg. C
STE PRODUCT RANGE
Model
Vin (nom)
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated load)
(mA)
Eff.
(%)
STE03S03F
3.3
3.3
280
354
79
STE03S05F
3.3
5
200
374
81
STE03S09F
3.3
9
112
373
82
STE03S12F
3.3
12
82
359
83
STE03S15F
3.3
15
68
372
83
STE05S03F
5
3.3
280
228
81
STE05S05F
5
5
200
241
83
STE05S09F
5
9
112
240
84
STE05S12F
5
12
82
232
85
STE05S15F
5
15
68
237
86
STE09S03F
9
3.3
280
127
81
STE09S05F
9
5
200
131
85
STE09S09F
9
9
112
132
85
STE09S12F
9
12
82
127
86
STE09S15F
9
15
68
132
86
STE12S03F
12
3.3
280
93
83
STE12S05F
12
5
200
97
86
STE12S09F
12
9
112
98
86
STE12S12F
12
12
82
94
87
STE12S15F
12
15
68
98
87
STE15S03F
15
3.3
280
75
82
STE15S05F
15
5
200
43
86
STE15S09F
15
9
112
57
86
STE15S12F
15
12
82
63
87
STE15S15F
15
15
68
78
87
MECHANICAL
SPECIFICATIONS
All measurements are in mm
Tolerances = ± 0.25mm
14
7
8
1
2.5
12.72
8.0
STE12S12
2.54
0.6
12.72
12.18
7.05
2.54X3
0.20
1.65
10.00
8.60
9.00
9.30
11.60
STE Series – 1W Single Output
Surface Mount DC-DC Converter
STE12S12F


Número de pieza similar - STE09S09F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Crystal Techno...
STE01 ACT-STE01 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
logo
ABB
STE050 ABB-STE050 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
Stanson Technology
STE0511 STANSON-STE0511 Datasheet
65Kb / 4P
   Single-line ESD Protection Array
STE0511D52RG STANSON-STE0511D52RG Datasheet
65Kb / 4P
   Single-line ESD Protection Array
More results

Descripción similar - STE09S09F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Superworld Electronics
STA03D03F SUPERWORLD-STA03D03F Datasheet
149Kb / 2P
   1W Dual Output Surface Mount DC-DC Converter
SW105S05ESMF SUPERWORLD-SW105S05ESMF Datasheet
152Kb / 2P
   1W Single & Dual Surface Mount DC-DC Converter
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
   1W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com