Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3906S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza 2N3906S
Descripción Electrónicos  SOT-23 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3906S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N3906S Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
2N3906S
2004. 10. 27
1/1
MARKING SPECIFICATION
SOT-23 PACKAGE
Revision No : 0
1. Marking method
Laser Marking
2. Marking
ZA
2
1
No.
Item
Marking
Description
Device Mark
ZA
2N3906S
hFE Grade
-
-
* Lot No.
01
2002. 1st Week
[0:1st Character, 1:2nd Character]
Note) * Lot No. marking method
Character
arrangement
1 st Character
1
(A)
2
(B)
3
(C)
4
(D)
5
(E)
6
(F)
7
(G)
8
(H)
9
(I)
0
(J)
2nd Character
A
(1)
B
(2)
C
(3)
D
(4)
E
(5)
F
(6)
G
(7)
H
(8)
I
(9)
J
(0)
Year
Marking (Week)
Periode (Year)
Remark
1 st Year (2002)
01
02
51
52
2002-2006-2010...
Rotation for 4 years
2 nd Year (2003)
0A
0B
5A
5B
2003-2007-2011...
4 rd Year (2004)
J1
J2
E1
E2
2004-2008-2012...
4 th Year (2005)
JA
JB
EA
EB
2005-2009-2013...


Número de pieza similar - 2N3906S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
2N3906S KEC-2N3906S Datasheet
195Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906S KEC-2N3906S Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
2N3906S ISC-2N3906S Datasheet
296Kb / 3P
   isc Silicon PNP Power Transistor
logo
First Silicon Co., Ltd
2N3906S FS-2N3906S Datasheet
205Kb / 6P
   General Purpose Transistors
2N3906S-AB FS-2N3906S-AB Datasheet
473Kb / 4P
   General Purpose Transistors PNP Silicon
2022. 04. 28 Revision No :0
More results

Descripción similar - 2N3906S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
MMBZ5240B KEC-MMBZ5240B Datasheet
17Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KMA3D6N20SA KEC-KMA3D6N20SA Datasheet
26Kb / 1P
   SOT-23 PACKAGE
KTN2222AS KEC-KTN2222AS_05 Datasheet
21Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com