Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5551S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza 2N5551S
Descripción Electrónicos  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N5551S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N5551S Datasheet HTML 1Page - KEC(Korea Electronics) 2N5551S Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
2N5551S
* Pulse Test : Pulse Width
300 S, Duty Cycle
2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=120V, IE=0
-
-
50
nA
VCB=120V, IE=0, Ta=100
-
-
50
A
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
50
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=0.1mA, IE=0
180
-
-
V
Collector-Emitter
*
Breakdown Voltage
V(BR)CEO
IC=1mA, IB=0
160
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10 A, IC=0
6
-
-
V
DC Current Gain
*
hFE(1)
VCE=5V, IC=1mA
80
-
-
hFE(2)
VCE=5V, IC=10mA
80
-
250
hFE(3)
VCE=5V, IC=50mA
30
-
-
Collector-Emitter
*
Saturation Voltage
VCE(sat)1
IC=10mA, IB=1mA
-
-
0.15
V
VCE(sat)2
IC=50mA, IB=5mA
-
-
0.2
Base-Emitter
*
Saturation Voltage
VBE(sat)1
IC=10mA, IB=1mA
-
-
1.0
V
VBE(sat)2
IC=50mA, IB=5mA
-
-
1.0
Transition Frequency
fT
VCE=10V, IC=10mA, f=100MHz
100
-
300
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
6
pF
Input Capacitance
Cib
VBE=0.5V, IC=0, f=1MHz
-
-
20
pF
Small-Signal Current Gain
hfe
VCE=10V, IC=1mA, f=1kHz
50
-
200
Noise Figure
NF
VCE=5V, IC=250 A
Rg=1k
, f=10Hz
15.7kHz
-
-
8
dB


Número de pieza similar - 2N5551S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
2N5551S KEC-2N5551S Datasheet
150Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
logo
First Silicon Co., Ltd
2N5551S FS-2N5551S Datasheet
1Mb / 5P
   High Voltage Transistors
logo
KEC(Korea Electronics)
2N5551SC KEC-2N5551SC Datasheet
346Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Dongguan Pingjingsemi T...
2N5551SQ PJSEMI-2N5551SQ Datasheet
408Kb / 3P
   NPN Transistor
logo
KEC(Korea Electronics)
2N5551S KEC-2N5551S_15 Datasheet
350Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - 2N5551S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com