Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPM1S471P095RA Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

No. de pieza TPM1S471P095RA
Descripción Electrónicos  SMD CPTC Thermistor for Automotive Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKING [Thinking Electronic Industrial Co.,Ltd]
Página de inicio  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1S471P095RA Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1S471P095RA Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P095RA Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Automotive Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2011.06
All specifications are subject to change without notice.
Quantity
Type
Quantity(pcs/reel)
0603
4000
0805
3500
Storage Condition of Products
Storage Conditions :
1. Storage Temperature: -10℃~+40℃
2. Relative humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage : 1 year
Cross Reference
Sensing
Temperature
Size
(EIA)
R25
Ts (℃
℃)
THINKING
Part Number
Murata
Part Number
EPCOS
Part Number
65±5
TPM1S471P065RA
PRF18BG471QS2RB
--
75±5
TPM1S471P075RA
PRF18BF471QS2RB
--
85±5
TPM1S471P085RA
PRF18BE471QS2RB
--
95±5
TPM1S471P095RA
PRF18BD471QS2RB
--
105±5
TPM1S471P105RA
PRF18BC471QS2RB
--
115±5
TPM1S471P115RA
PRF18BB471QS2RB
--
125±5
TPM1S471P125RA
PRF18BA471QS2RB
--
0603
470
Ω
135±5
TPM1S471P135RA
PRF18AR471QS2RB
--


Número de pieza similar - TPM1S471P095RA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TPM1S471P095R THINKING-TPM1S471P095R Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
More results

Descripción similar - TPM1S471P095RA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
TPM1P330M100R THINKING-TPM1P330M100R Datasheet
173Kb / 7P
   SMD CPTC Thermistor for Over-Current Protection
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
logo
Crystek Corporation
E35A27VBCS CRYSTEKCRYSTAL-E35A27VBCS Datasheet
348Kb / 1P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
logo
KEC(Korea Electronics)
E25A2CS KEC-E25A2CS Datasheet
446Kb / 2P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com