Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPM2S471P095R Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

No. de pieza TPM2S471P095R
Descripción Electrónicos  SMD PTC Thermistor for Temperature Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKING [Thinking Electronic Industrial Co.,Ltd]
Página de inicio  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM2S471P095R Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  TPM2S471P095R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM2S471P095R Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PTC Thermistor:
:TPM-S Series
SMD PTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
3
www.thinking.com.tw
2011.05
All specifications are subject to change without notice
Sensing
Temperature
(℃
℃)
Resistance
Ω
Ω
Ω)
Max.
Voltage
(V)
Operating
Temperature
Range(℃
℃)
Safety
Approvals
Part No.
Size
(EIA)
Ts
25℃
Ts - 5℃
Ts + 5℃
Vdc
TL~TU
UL/
cUL
TUV
TPM2S101N110R
110±7
-25~+125
TPM2S101N115R
115±7
-25~+130
TPM2S101N130R
130±7
100
≦1K
≧1K
24
-25~+145
TPM2S471P065R
65±5
-25~+80
TPM2S471P075R
75±5
-25~+90
TPM2S471P085R
85±5
-25~+100
TPM2S471P095R
95±5
-25~+110
TPM2S471P105R
105±5
-25~+120
TPM2S471P115R
115±5
-25~+130
TPM2S471P125R
125±5
-25~+140
TPM2S471P135R
135±5
470
≦4.7K
≧4.7K
-25~+150
TPM2S103P130R
0805
130±5
10K
≦4.7M
≧4.7M
32
-25~+145


Número de pieza similar - TPM2S471P095R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TPM2S471P095RA THINKING-TPM2S471P095RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
More results

Descripción similar - TPM2S471P095R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com