Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD3866AF Datasheet(PDF) 1 Page - Semicoa Semiconductor

No. de pieza SD3866AF
Descripción Electrónicos  Chip Type 2C3866A Geometry 1007 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMICOA [Semicoa Semiconductor]
Página de inicio  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SD3866AF Datasheet(HTML) 1 Page - Semicoa Semiconductor

  SD3866AF Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C3866A
Geometry 1007
Polarity NPN
Data Sheet No. 2C3866A
Generic Packaged Parts:
2N3866, 2N3866A
Chip type 2C3866A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N3866A, 2N3866, 2N3866AUB, SD3866A,
SD3866AF, SQ3866A, SQ3866AF
APPLICATIONS: Designed for amplifier,
frequency multiplier and oscillator applica-
tions. Suitable for output, driver and predriver
stages in VHF and UHF equipment.
Features:
Special Characteristics:
ft = 950 MHz (type) at 50 mA/15V
Top
Al - 15 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
3.4 mils x 3.0 mils
Base
3.4 mils x 3.0 mils
Die Thickness
Chip Area
Top Surface
15 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 5.0 mA
30
---
V dc
BVCBO
IC = 100 µA
55
---
V dc
BVCER
IC = 5.0 mA, RBE = 10 Ohms
55
---
V dc
BVEBO
IE = 100 µA
3.5
---
V dc
ICEO
VCE = 28 V, VEB = 2.0 V
---
20
µA
hFE1
IC = 360 mA dc, VCE = 5.0 V
5.0
---
---
hFE2
IC = 50 mA dc, VCE = 5.0 V
10
200
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Número de pieza similar - SD3866AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Photonix, Inc.
SD380-23-21-051 ADVANCEDPHOTONIX-SD380-23-21-051 Datasheet
85Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Luna Innovations Incorp...
SD380-23-21-051 LUNA-SD380-23-21-051 Datasheet
129Kb / 2P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD380-23-21-251 ADVANCEDPHOTONIX-SD380-23-21-251 Datasheet
107Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Luna Innovations Incorp...
SD380-23-21-251 LUNA-SD380-23-21-251 Datasheet
133Kb / 2P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Pan Jit International I...
SD380S PANJIT-SD380S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
More results

Descripción similar - SD3866AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semicoa Semiconductor
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2N5109 SEMICOA-2N5109 Datasheet
47Kb / 2P
   Type 2N5109 Geometry 1007 Polarity NPN
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
   Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
   Chip Type 2C5664 Geometry 9221 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com