Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDZ3.3V Datasheet(PDF) 4 Page - KEC(Korea Electronics)

No. de pieza KDZ3.3V
Descripción Electrónicos  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ3.3V Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KDZ3.3V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ3.3V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ3.3V Datasheet HTML 3Page - KEC(Korea Electronics) KDZ3.3V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2009. 6. 26
4/4
KDZ2.0V~36V
Revision No : 12
ZENER VOLTAGE V
(V)
Z
AMBIENT TEMPERATURE Ta ( C)
I
- V
ZZ
PD - Ta
0
0
50
100
150
200
2
4
6
8
10
0
50
100
150
200
250
300
* MOUNTED ON A GLASS
EPOXY CIRCUIT BOARD
OF 20x20mm
PAD DIMENSION
OF 4x4mm
γ - V
ZENER VOLTAGE VZ (V)
13
10
30
-0.12
5
% / C
0.5
0.5
5
5
5mA
0.5mA
5mA
Z
Z
I =0.5mA
Z
-0.08
-0.04
0
0.04
0.08
0.12
-30
-20
-10
0
10
20
30
mV/ C
8
04
12
16
20
24
28
30
32
34


Número de pieza similar - KDZ3.3V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KDZ3.3V KEC-KDZ3.3V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3V KEC-KDZ3.3V Datasheet
21Kb / 1P
   USC PACKAGE
KDZ3.3V KEC-KDZ3.3V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3VV KEC-KDZ3.3VV Datasheet
75Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
KDZ3.3VV KEC-KDZ3.3VV Datasheet
376Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Descripción similar - KDZ3.3V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com