Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CATTEN-04R0 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

No. de pieza CATTEN-04R0
Descripción Electrónicos  1.5dB Attenuator SMA 50 Ohm DC to 3GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Página de inicio  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-04R0 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CATTEN-04R0 Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-04R0 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CATTEN-01R5
1.5dB Attenuator
SMA 50 Ohm
DC to 3GHz
Rev.: C
Date: 08-27-08
TEST
Condition of Test
Test Results
0.5dB to 5dB 6dB to 20dB
Endurance Test at 70°C per EIA 575-3.14 1000 hours at 70°C, 1.5 hrs “ON”, 0.5 hrs “OFF”
± 0.2 dB
± 0.3 dB
Overload per EIA 575-3.6
Short time overload
± 0.2 dB
± 0.3 dB
Thermal Shock
per EIA 575-3.5
± 0.2 dB
± 0.3 dB
Moisture Resistance
per EIA 575-3.10
± 0.2 dB
± 0.3 dB
High Temperature Exposure
per EIA 575-3.7
± 0.2 dB
± 0.3 dB
Low Temperature Exposure
per EIA 575-3.12
± 0.2 dB
± 0.3 dB
1.5 dB Data
Return Loss
Freq.
(MHz)
Atten
(dB)
Male
(dB)
Female
(dB)
0.3
1.45
74
66
0.5
1.45
74
66
0.8
1.45
74
66
1.0
1.44
74
66
5.0
1.44
70
66
10.0
1.44
69
65
20.0
1.43
63
63
50.0
1.45
57
56
100.0
1.45
51
50
200.0
1.45
46
44
300.0
1.48
43
42
400.0
1.49
41
40
500.0
1.48
39
39
600.0
1.49
38
37
700.0
1.50
36
36
800.0
1.49
35
35
900.0
1.51
34
34
1000.0 1.49
33
33
1500.0 1.54
28
29
2000.0 1.62
23
24
2500.0 1.56
20
20
3000.0 1.78
18
17
Part Number Attenuation
Power
(Max)
CATTEN-01R0
1 dB
1 Watt
CATTEN-01R5
1.5 dB
1 Watt
CATTEN-02R0
2 dB
1 Watt
CATTEN-03R0
3 dB
1 Watt
CATTEN-04R0
4 dB
1 Watt
CATTEN-05R0
5 dB
1 Watt
CATTEN-06R0
6 dB
1 Watt
CATTEN-07R0
7dB
1 Watt
CATTEN-08R0
8dB
1 Watt
CATTEN-09R0
9dB
1 Watt
CATTEN-0100
10 dB
1 Watt
CATTEN-0150
15 dB
0.5 Watt
CATTEN-0200
20 dB
0.5 Watt


Número de pieza similar - CATTEN-04R0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CATTEN-04R0 ETC2-CATTEN-04R0 Datasheet
319Kb / 2P
   8dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-04R0 CRYSTEKMICROWAVE-CATTEN-04R0 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-04R0 CRYSTEKMICROWAVE-CATTEN-04R0 Datasheet
329Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
logo
List of Unclassifed Man...
CATTEN-04R0 ETC2-CATTEN-04R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-04R0 CRYSTEKMICROWAVE-CATTEN-04R0 Datasheet
344Kb / 2P
   15dB Attenuator SMA 50 Ohm DC to 3GHz
More results

Descripción similar - CATTEN-04R0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CRYSTEK CORPORATION
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5 Datasheet
329Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5 Datasheet
319Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-09R0 CRYSTEKMICROWAVE-CATTEN-09R0_08 Datasheet
329Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0150 CRYSTEKMICROWAVE-CATTEN-0150_08 Datasheet
380Kb / 2P
   15dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
   5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R0 CRYSTEKMICROWAVE-CATTEN-01R0 Datasheet
319Kb / 2P
   1dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-06R0 CRYSTEKMICROWAVE-CATTEN-06R0 Datasheet
319Kb / 2P
   6dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-09R0 CRYSTEKMICROWAVE-CATTEN-09R0 Datasheet
319Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com