Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC3211TSN24A Datasheet(PDF) 10 Page - KEC(Korea Electronics)

No. de pieza KIC3211TSN24A
Descripción Electrónicos  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN24A Datasheet(HTML) 10 Page - KEC(Korea Electronics)

Back Button KIC3211TSN24A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 9Page - KEC(Korea Electronics) KIC3211TSN24A Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2010. 2. 10
10/10
KIC3211 Series
Revision No : 0
1.24
1.22
1.23
1.25
1.19
1.21
3
1
2
4
0
1.20
KIC3211XX12
010
2030405060708090
100
Input Voltage
Output Voltage
3
1
2
4
5
6
0
2.84
2.82
2.83
2.85
2.79
2.81
2.80
2.84
2.82
2.83
2.85
2.79
2.81
2.80
KIC3211XX28
010
20
30
405060708090
100
Input Voltage
Output Voltage
1.40
1.30
1.35
1.45
1.15
1.25
150
50
100
0
150
50
100
0
1.20
KIC3211XX12
02468
10
12
14
16
18
20
02468
10
12
14
16
18
20
Input Voltage
Output Voltage
KIC3211XX28
Input Voltage
Output Voltage
5) INPUT LINE TRANSIENT RESPONSE(IOUT = 30mA, tr = tf = 5us, CIN / COUT = Ceramic 1.0㎌)
5) LOAD TRANSIENT RESPONSE (tr = tf = 5us, CIN / COUT = Ceramic 1.0㎌)


Número de pieza similar - KIC3211TSN24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

Descripción similar - KIC3211TSN24A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com