Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMB060N60PA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KMB060N60PA
Descripción Electrónicos  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB060N60PA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMB060N60PA Datasheet HTML 1Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 2Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 3Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 4Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 5Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 6Page - KEC(Korea Electronics) KMB060N60PA Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2008. 1. 4
1/7
SEMICONDUCTOR
TECHNICAL DATA
KMB060N60PA/FA
N CHANNEL MOS FIELD
EFFECT TRANSISTOR
Revision No : 4
General Description
It s mainly suitable for low viltage applications such as automotive,
DC/DC converters and a load switch in battery powered applications
FEATURES
VDSS= 60V, ID= 60A
Drain-Source ON Resistance :
RDS(ON)=14m
(Max.) @VGS = 10V
MOSFET MAXIMUM RATING (Ta=25
Unless otherwise noted)
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8
0.1
+
_
2.8
0.1
+
_
2.54
0.2
+
_
1.27
0.1
+
_
1.4
0.1
+
_
13.08
0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1. GATE
2. DRAIN
3. SOURCE
12
3
G
D
S
Note1) Pulse Test : Pulse width
10 S Duty cycle
1%
*Drain Current Iimited by maximum junction temperature
CHARACTERISTIC
SYMBOL
RATING
UNIT
KMB060N60PA
KMB060N60FA
Thermal Resistance, Junction-to-Ambient
RthJA
62.5
/W
Thermal Resistance, Junction-to-Case
RthJC
1.0
2.9
/W
Thermal Characteristics
Equivalent Circuit
1. GATE
2. DRAIN
3. SOURCE
TO-220IS (1)
A
A
B
C
C
D
D
E
E
F
G
H
H
1.47 MAX
1.47 MAX
J
K
L
M
L
N
NN
O
Q
R
R
12
3
M
DIM
MILLIMETERS
10.16
0.2
+
_
15.87
0.2
+
_
2.54
0.2
+
_
0.8
0.1
+
_
3.18
0.1
+
_
0.5
0.1
+
_
3.23
0.1
+
_
13.0
0.5
+
_
2.54
0.2
+
_
4.7
0.2
+
_
6.68
0.2
+
_
2.76
0.2
+
_
3.3
0.1
+
_
12.57
0.2
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
KMB060N60PA
KMB060N60FA
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
25
V
Drain Current
DC
ID*
60
60*
A
Pulsed (Note 1)
IDP
240
240*
A
Drain-Source Diode Forward Current
IS
60
A
Drain Power Dissipation
PD* 25
150
51
W
Maximum Junction Temperature
Tj
-55
175
Storage Temperature Range
Tstg
-55
175
KMB060N60PA
KMB060N60FA


Número de pieza similar - KMB060N60PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KMB060N60PA KEC-KMB060N60PA Datasheet
482Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Descripción similar - KMB060N60PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com