Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


KRA121S Datasheet(Hoja de datos) 1 Page - KEC(Korea Electronics)

No. de Pieza. KRA121S
Descripción  EPITAXIAL PLANAR PNP TRANSISTOR
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo 

   
 1 page
background image
2002. 7. 9
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRA116S~KRA122S
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
MAXIMUM RATING (Ta=25
)
EQUIVALENT CIRCUIT
BIAS RESISTOR VALUES
R1
R2
COMMON(+)
OUT
IN
TYPE NO.
R1(k
)
R2(k
)
KRA116S
1
10
KRA117S
2.2
2.2
KRA118S
2.2
10
KRA119S
4.7
10
KRA120S
10
4.7
KRA121S
47
10
KRA122S
100
100
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRA116S
122S
VO
-50
V
Input Voltage
KRA116S
VI
-10, 5
V
KRA117S
-12, 10
KRA118S
-12, 5
KRA119S
-20, 7
KRA120S
-30, 10
KRA121S
-40, 15
KRA122S
-40, 10
Output Current
KRA116S
122S
IO
-100
mA
Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
TYPE
KRA116S KRA117S KRA118S KRA119S KRA120S KRA121S KRA122S
MARK
P2
P4
P5
P6
P7
P8
P9
MAXIMUM RATING (Ta=25
)
Type Name
Marking
Lot No.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl