Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP0115CAC1BF-C2 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
FP0115CAC1BF-C2 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 4 page Series FP01 Contactless Pushbuttons www.nkk.com D5 D Photo Transistor 1 Single TYPICAL SWITCH ORDERING EXAMPLE Photo Interrupter 5 Unshaded (Shaded) (Momentary Operating Function) DESCRIPTION FOR TYPICAL ORDERING EXAMPLE FP0115CAC1FF Housing A Black Round, Black Housing Green Actuator with Green LED Single Photo Transistor with Normally Unshaded Photo Interrupter LEDs C Red D Amber F Green Actuator Colors B White C Red D Amber F Green FP01 Shape C Round Receptacle C1 6-pin Socket See Connector. Connector C2 Assembled Connector with Wire Leads * C3 Unassembled Connector and Pins No Code No Connector * Available in Americas only Contact factory for custom options 1 5 C A C1 F F HOUSING SHAPE & COLOR RECEPTACLE Round Shape Black Housing 6-pin Socket C1 6 5 4 3 2 1 C A Actuator Position Photo Interrupter Schematics Model Normal Down Unshaded Shaded LED connector pins are 5 & 6; interrupter connector pins are 3-4 & 1-2. FP0115 Single Photo Transistor When shaded, the photo transistor momentarily activates electrical function which signals the external device to change its state. ACTUATOR & INTERRUPTER 6 5 4 3 2 1 Normally Unshaded with Momentary Shaded status 1 5 |
Número de pieza similar - FP0115CAC1BF-C2 |
|
Descripción similar - FP0115CAC1BF-C2 |