Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40400RHLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40400RHLR
Descripción Electrónicos  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40400RHLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40400RHLR Datasheet HTML 3Page - Texas Instruments TPS40400RHLR Datasheet HTML 4Page - Texas Instruments TPS40400RHLR Datasheet HTML 5Page - Texas Instruments TPS40400RHLR Datasheet HTML 6Page - Texas Instruments TPS40400RHLR Datasheet HTML 7Page - Texas Instruments TPS40400RHLR Datasheet HTML 8Page - Texas Instruments TPS40400RHLR Datasheet HTML 9Page - Texas Instruments TPS40400RHLR Datasheet HTML 10Page - Texas Instruments TPS40400RHLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TPS40400
www.ti.com
SLUS930A
– APRIL 2011 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for
–40°C ≤ TJ ≤ 125°C, VDD= 12 Vdc, FREQUENCY_SWITCH = 600 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MEASUREMENT SYSTEM
tIDLY
Read delay time (9)
153
192
231
μs
IRES
Current measurement resolution (LSB) (10) (11)
122
μV
IRNG
Current measurement range(11) (12)
–45
110
mV
IACC
Gain accuracy(13)
–3%
3%
IOFST
Offset
–3
3
mV
VOUT(res)
VOUT measurement resolution (LSB)
15.625
mV
VOUT(rng)
VOUT voltage measurement range
0
14
V
VOUT(gain)
Gain accuracy(13)(14)
–2
2
LSB
VOUT(gain_adj)
Gain adjustment range through PMBus
–10%
10%
VOUT(ofst)
Offset(13)(14)
–3%
3%
VOUT(ofst_adj)
Gain adjustment range through PMBus
–125
124
mV
VIN(res)
VIN measurement resolution
32.5
mV
VIN(rng)
VIN voltage measurement range
3.0
20
V
VIN(gain)
Gain accuracy(13)(14)
–2%
2%
VIN(gain_adj)
Gain adjustment range through PMBus
–10%
10%
VIN(offst)
Offset(13)(14)
–5.5
–2
1.4
LSB
VIN(offst_adj)
Offset adjustment range through PMBus
–2
1.968
V
THERMAL SHUTDOWN
TJSD
Junction OT shutdown temperature(14)
135
145
155
°C
TJSDH
Shutdown hysteresis(14)
25
30
35
°C
TJWRN
Junction OT warning threshold(14)
120
130
140
°C
TJWRNH
Junction OT warning temperature hysteresis(14)
15
20
25
°C
(9)
All read backs are an average of 16 consecutive measurements
– not a rolling average. Time is a delay between parameter updates.
(10) Constrained by the resolution of READ_IOUT command. This presents as the greater of 122
µV/ IOUT_CAL_GAIN or 62.5 mA, the
resolution of the READ_IOUT command
(11) Voltage is converted to current by dividing by IOUT_CAL_GAIN, the effective value of the resistance used to sense current in the
application. Maximum amount that can be reported via PMBus is 64A.
(12) Current reading is only supported to 0 average. Voltage transients to
–45mV are taken into account when computing this average.
(13) PMBus commands provide for calibration of each device on an individual basis for improved overall system accuracy.
(14) Ensured by design. Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS40400


Número de pieza similar - TPS40400RHLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400RHLR TI-TPS40400RHLR Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40400RHLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com