Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2051CDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2051CDBVT
Descripción  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2051CDBVT Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
TPS20xxC
www.ti.com
SLVSAU6A –JUNE 2011–REVISED JULY 2011
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C (continued)
Unless otherwise noted:4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
Off-state leakage
VFLT = 5.5 V
1
µ
A
tFLT
FLT deglitch
FLT assertion/deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
VIN = 4 V, VOUT = 5.0 V, disabled
350
560
1200
RPD
Output pull-down resistance
VIN = 5 V, VOUT = 5.0 V, disabled
300
470
800
THERMAL SHUTDOWN
In current limit
135
Rising threshold (TJ)
Not in current limit
155
°
C
Hysteresis (4)
20
(4) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Figure 2. Output Rise / Fall Test Load
Figure 3. Power-On and Off Timing
Figure 4. Enable Timing, Active High Enable
Figure 5. Enable Timing, Active Low Enable
Figure 6. Output Short Circuit Parameters
Figure 7. Output Characteristic Showing Current Limit
Copyright © 2011, Texas Instruments Incorporated
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn