Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5263IRGCR-NM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5263IRGCR-NM
Descripción Electrónicos  Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5263IRGCR-NM Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5263IRGCR-NM Datasheet HTML 7Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 8Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 9Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 10Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 11Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 12Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 13Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 14Page - Texas Instruments ADS5263IRGCR-NM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
ADS5263
www.ti.com
SLAS760A
– MAY 2011 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS DYNAMIC PERFORMANCE
– 14-BIT ADC
Typical values are at 25
°C, AVDD = 3.3V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input (unless
otherwise noted).
MIN and MAX values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, LVDD = 1.8 V
100 MSPS
PARAMETERS
TEST CONDITIONS
UNITS
MIN
TYP
MAX
fin = 5 MHz
68.8
74
SNR
finv = 30 MHz
73
dBFS
Signal-to-noise ratio
fin = 65 MHz
71.3
fin = 5 MHz
65.8
73.5
SINAD
fin = 30 MHz
71.9
dBFS
Signal-to-noise and distortion ratio
finn = 65 MHz
70.3
fin = 5 MHz
71.8
85
SFDR
fin = 30 MHz
81
dBc
Spurious-free dynamic range
fin = 65 MHz
78
fin = 5 MHz
69
83.5
THD
fin = 30 MHz
78
dBc
Total harmonic distortion
fin = 65 MHz
76.5
fin = 5 MHz
71.8
92
HD2
fin = 30 MHz
84
dBc
Second harmonic Distortion
fin = 65 MHz
80
fin = 5 MHz
71.8
85
HD3
fin = 30 MHz
81
dBc
Third harmonic distortion
fin = 65 MHz
78
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :ADS5263


Número de pieza similar - ADS5263IRGCR-NM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5263IRGCR-NM TI1-ADS5263IRGCR-NM Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
More results

Descripción similar - ADS5263IRGCR-NM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI-ADS5263_13 Datasheet
1Mb / 82P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Asahi Kasei Microsystem...
AK8411 AKM-AK8411 Datasheet
346Kb / 25P
   Single Channel Input, 16 Bit 5 MSPS Video ADC
logo
Texas Instruments
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com