Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML-1K3 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza ML-1K3
Descripción Electrónicos  IR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ML-1K3 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  ML-1K3 Datasheet HTML 1Page - KODENSHI_AUK CORP. ML-1K3 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IR LED
DIMENSION
(Unit : mm)
FEATURES
• Durable
• High reliability in demending environments
APPLICATIONS
• Transportation sensors
• Optical switches
MAXIMUM RATINGS
(Ta=25°C)
Unit
V
mA
mA
mW
°C
°C
°C
Notes : *1. For MAX.5 seconds at the position of 2mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C, unless otherwise noted)
Notes : *2. Irradiance by CIE standard light source A (2850K tungsten lamp)
1/2
Parameter
Symbol
VR
IF
Reverse Voltage
Forward Current
-40~+100
240
Pulse Forward Current (see Note 1)
IFP
0.5
Power Dissipation
PD
Rating
3
50
-30~+100
85
The ML-1K3 is a high-power GaAlAs IRED mounted in durable,
ML-1K3
hermetically sealed TO-18 metal can package,
providing years of reliable performance even under demanding
• Infrared sensors
conditions such as use outdoors.
Half Angle
Operating Temperature
Storage Temperature
Soldering temperature *1
Parameter
Tsol.
Symbol
Topr.
Tstg.
V
VR = 3V
10
uA
IF = 50 mA
1.4
1.7
deg.
IF = 50mA
mV
-nm
-30
-
nm
865
-
∆Θ
±36
Unit
Conditions
Min
Typ
Max
∆λ
Po
Forward Voltage
Reverse Current
Peak Emission Wavelength
Spectral Bandwidth
Radiant Intensity
VF
IR
λp
IF = 50mA
IF = 50mA
40


Número de pieza similar - ML-1K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
ML-1KA LSTD-ML-1KA Datasheet
586Kb / 2P
   Environmentally green
More results

Descripción similar - ML-1K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
   IR LED
QBLP613-IR1 ETC1-QBLP613-IR1 Datasheet
393Kb / 9P
   IR LED
QBLP601-IR2 ETC1-QBLP601-IR2 Datasheet
398Kb / 9P
   IR LED
QBLP650-IR2 ETC1-QBLP650-IR2 Datasheet
476Kb / 9P
    IR LED
QBLP650-IR3 ETC1-QBLP650-IR3 Datasheet
474Kb / 9P
   IR LED
QBLP630-IR3 ETC1-QBLP630-IR3 Datasheet
486Kb / 9P
   0805 IR LED
QBLP670-IR1 ETC1-QBLP670-IR1 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP630-IR1 ETC1-QBLP630-IR1 Datasheet
472Kb / 9P
   0805 IR LED
QBLP630-IR2 ETC1-QBLP630-IR2 Datasheet
475Kb / 9P
   0805 IR LED
QBLP676-IR2 ETC1-QBLP676-IR2 Datasheet
493Kb / 9P
   PLCC2 IR LED
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com