Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TMP103EYFFR Datasheet(Hoja de datos) 1 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TMP103EYFFR
Descripción  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 1 page
background image
MCU
TMP103A
TMP103B
TMP103C
SCL
SCL
SCL
SDA
SDA
SDA
Out
IO
V+
V+
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
Low-Power, Digital Temperature Sensor
with Two-Wire Interface in WCSP
Check for Samples: TMP103
1
FEATURES
DESCRIPTION
The TMP103 is a digital output temperature sensor in
234
Multiple Device Access (MDA):
a four-ball wafer chip-scale package (WCSP). The
– Global Read/Write Operations
TMP103 is capable of reading temperatures to a
I2C
™-/ SMBus™-Compatible Interface
resolution of 1
°C.
Resolution: 8 Bits
The TMP103 features a two-wire interface that is
Accuracy:
±1°C Typ (–10°C to +100°C)
compatible with both I2C and SMBus interfaces. In
addition,
the
interface
supports
multiple
device
Low Quiescent Current:
access (MDA) commands that allow the master to
– 3μA Active IQ at 0.25Hz
communicate with multiple devices on the bus
– 1μA Shutdown
simultaneously,
eliminating
the
need
to
send
individual commands to each TMP103 on the bus.
Supply Range: 1.4V to 3.6V
Digital Output
Up to eight TMP103s can be tied together in parallel
and easily read by the host. The TMP103 is
Package: 4-Ball WCSP (DSBGA)
especially
ideal
for
space-constrained,
power-sensitive
applications
with
multiple
APPLICATIONS
temperature
measurement
zones
that
must
be
Handsets
monitored.
Notebooks
The TMP103 is specified for operation over a
temperature range of
–40°C to +125°C.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel.
3
I2C is a trademark of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl