Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S78D50D Datasheet(PDF) 3 Page - KODENSHI_AUK CORP. |
|
S78D50D Datasheet(HTML) 3 Page - KODENSHI_AUK CORP. |
3 / 11 page KSD-I0T007-001 3 October, 2010 REV. 01 Parameter Symbol Limits Unit Input Voltage VIN 23.0 V SOT-223 1.0(Note1) TO-252-3L 1.3(Note2) Power Dissipation TO-220F-3L Pd 2.0(Note2) W Junction Temperature TJ 150 ℃ Operate Temperature Range Topr -30 ~ +125 ℃ Storage Temperature Range Tstg -55 ~ +150 ℃ Note 1 : Mount on a glass epoxy circuit board of 36x18mm pad dimension of 50mm2 Note 2 : No Heat-Sink Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max) , the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. Parameter Symbol Limits Unit Supply Input Voltage VIN Vo+0.5~20 V Output Current IOUT 1.0 A ◈ Absolute Maximum Ratings ( Ta = 25℃ ) ◈ Guaranteed Operating Conditions ( Ta = 25℃ ) S78Dxxx |
Número de pieza similar - S78D50D |
|
Descripción similar - S78D50D |