Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1110AG-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza TEA1110AG-S14-R
Descripción Electrónicos  LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1110AG-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TEA1110AG-S14-R Datasheet HTML 1Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 2Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 3Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 4Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 5Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 6Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 7Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 8Page - Unisonic Technologies TEA1110AG-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TEA1110A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R108-014.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Positive Continuous Line Voltage
VEE-0.4 ~ 12
V
Repetitive Line Voltage During Switch-on or
Line Interruption
VLN
VEE-0.4 ~ 13.2
V
Maximum Voltage On All Pins
VN(MAX)
VEE -0.4 ~VCC+0.4
V
Maximum Line Current (RSLPE=20Ω)
ILINE
140
mA
DIP-14
588
mW
Power Dissipation (Ta=75°C)
SOP-14
PD
384
mW
Junction Temperature
TJ
125
°C
Ambient Temperature
TOPR
-25~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-14
85
°C/W
Junction to Ambient
SOP-14
θJA
130
°C/W
Note: Mounted on epoxy board
ELECTRIC CHARACTERISTICS (Ta=25°C, unless otherwise specified)
(ILINE=15mA, VEE=0V, RSLPE=20Ω, AGC pin connected to VEE, ZLINE=600Ω,f=1kHz)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Supplies (pins VLN, VCC, SLPE and REG)
Stabilized Voltage Between LN and SLPE
VREF
3.1
3.35
3.6
V
ILINE =1mA
1.6
V
ILINE =4mA
2.3
V
ILINE =15mA
3.35 3.65 3.95
V
DC Line Voltage
VLN
ILINE =140mA
6.9
V
DC line voltage with an external resistor
RVA
VLN(exR) RVA(SLPE-REG) = 27kΩ
4.4
V
DC line voltage variation with
temperature referred to 25 °C
V
  LN(T) Ta = -25 ~ +75 °C
±30
mV
internal current consumption
ICC
VCC = 2.9 V
1.3
1.48
mA
Supply voltage for peripherals
VCC
IP=0mA
2.9
V
Equivalent supply voltage resistance
RCCint IP=0.5mA
550
620
Microphone amplifier (pins MIC+ and MIC-)
Voltage gain from MIC+/MIC- to LN
GVTX
VMIC =4mV (RMS)
42.7 43.7 44.7
dB
Gain variation with frequency referred to
1kHz
GVTX(F) f =300~3400 Hz
±0.2
dB
Gain variation with temperature referred
to 25°C
GVTX(T) Ta =-25~+75 °C
±0.3
dB
Common mode rejection ratio
CMRR
80
dB
ILINE =15mA; THD=2%
1.4
1.7
V
Maximum sending signal
(RMS value)
VLN(MAX)
(rms)
ILINE =4mA, THD=10%
0.8
V
Noise output voltage at pin LN, pins
MIC+/MIC- shorted through 200Ω
VNOTX
-78.5
dBmp


Número de pieza similar - TEA1110AG-S14-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TEA1110AG-S14-R UTC-TEA1110AG-S14-R Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
More results

Descripción similar - TEA1110AG-S14-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9