Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDS20D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

No. de pieza SDS20D
Descripción Electrónicos  High Voltage Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDS20D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDS20D Datasheet HTML 1Page - KODENSHI_AUK CORP. SDS20D Datasheet HTML 2Page - KODENSHI_AUK CORP. SDS20D Datasheet HTML 3Page - KODENSHI_AUK CORP. SDS20D Datasheet HTML 4Page - KODENSHI_AUK CORP. SDS20D Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 25-AUG-10
KSD-D6C024-001
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Maximum repetitive peak reverse voltage
VRM
200
V
Continuous reverse voltage
VR
150
V
Maximum average forward rectified current
IO
200
mA
Maximum repetitive peak forward current
IFM
400
mA
Non-repetitive peak forward surge current(t=10ms)
IFSM
1.7
A
Power dissipation
1)
PD
200
mW
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
625
C/W
Operating junction temperature
Tj
150
C
Storage temperature range
Tstg
-55 ~ 150
C
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reverse breakdown voltage
VBR
IF=100uA
200
-
-
V
Forward drop voltage
2)
VF
IF=100mA
-
-
1.0
V
IF=200mA
-
-
1.25
V
Reverse leakage current
3)
IR
VR=150V
-
-
100
nA
VR=150V, Ta=150℃
-
-
100
uA
Total capacitance
CT
VR=0V, f=1MHz
-
-
5
pF
Reverse recovery time
trr
IF=IR=30mA,
Irr=3mA, RL=100Ω
-
-
50
ns
2) Pulse test: tP≤380㎲, Duty cycle≤2%
3) Pulse test: tP≤5㎳, Duty cycle≤2%
SDS20D


Número de pieza similar - SDS20D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
   High Voltage Switching Diode
SDS20F KODENSHI-SDS20F Datasheet
269Kb / 5P
   High Voltage Switching Diode
SDS20WA KODENSHI-SDS20WA Datasheet
254Kb / 5P
   High Voltage Switching Diode
SDS20WAF KODENSHI-SDS20WAF Datasheet
271Kb / 5P
   High Voltage Switching Diode
SDS20WK KODENSHI-SDS20WK Datasheet
253Kb / 5P
   High Voltage Switching Diode
More results

Descripción similar - SDS20D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com