Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN-3000_1105 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

No. de pieza TN-3000_1105
Descripción Electrónicos  3000W True Sine Wave DC-AC Inverter with Solar Charger
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MEANWELL [Mean Well Enterprises Co., Ltd.]
Página de inicio  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TN-3000_1105 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TN-3000_1105 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. TN-3000_1105 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InverterTNV1.38
1.InstallationofTN-3000unitandPC
2.ExplanationofMonitoringManu
2.1MainPage
Figure2
1.Setting: Adjustmentforoutputvoltage,chargingrelatedvoltage,frequency,andoperationmode.PleaserefertoFigure3fordetails.
2. Statistics:Calculateforthepercentageofoperatingperiodforeachoperationmode.PleaserefertoFigure4fordetails.
3.R.C.Poweroff:PowercanbeturnedONorOFFattheremotelocation.
4.Pause:Stoprefreshingthepageofmonitoringsoftware.
5.Statusofunit:Indicatingcurrentoperatingstatusof TN-3000.
6.Signalsthatdisplaycurrentconditionoftheunit.
DB9FEMALE
Figure1
1
6
PhoneJack
RJ11
RJ11
PINNO.
DB9
PINNO.
2
3
3
5
4
2
1
2
3
4
6
7
8
9
5
Setting
SolarCharge
1
2
3
4
5
6
INVERTER
ACCharge
100
100
0
0
BatteryVoltage
O/P Voltage
Internal Temperature
Bypass
TN-3000-212
UtilityVoltage
StartDate
ResetDate
O/P Frequency
Power on
Remote off
Battery low
Battery used up
Stand by saving mode
Abnormal Shutdown
Battery
Loading
13.5
230
10.0
0.0
2010/01/0103:13:33PM
2010/01/0101:40:56PM
50.0
V
V
V
Hz
ACIn
Statistics
R.C.Poweroff
Pause
Exit
FileName:TN-3000-SPEC2011-05-24
3000W TrueSineWaveDC-ACInverterwithSolarCharger
T N - 3 0 0 0 series
InstructionsforTN-3000monitoringsoftware


Número de pieza similar - TN-3000_1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000-112 MEANWELL-TN-3000-112 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
More results

Descripción similar - TN-3000_1105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TN-1500 MEANWELL-TN-1500_12 Datasheet
482Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
   3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
   3000W True Sine Wave DC-AC Inverter
ISI-501 MEANWELL-ISI-501 Datasheet
113Kb / 4P
   500W True Sine Wave DC-AC Inverter with MPPT Solar Charger
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
   3000W True Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com