Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDZ6V2AD Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza SDZ6V2AD
Descripción Electrónicos  ESD Protection Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ6V2AD Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ6V2AD Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ6V2AD Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ6V2AD Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ6V2AD Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ6V2AD Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 29-NOV-10
KSD-D6C011-001
www.auk.co.kr
1 of 5
SDZ6V2AD
Low Cap. ESD Protection Zener Diode
ESD Protection Zener Diode
General Description
SDZ6V2AD in very small SOD-323 SMD plastic package designed
to protect one data line from the damage caused by Electro Static
Discharge (ESD) and other transients.
Features and Benefits
 Protection one I/O or power line
 Transient protection for data lines to IEC 61000-4-2 (ESD)
Air discharge mode:
±15kV, Contact discharge mode: ±8kV
 Small package for use in portable equipment
 Full lead(Pb)-free device and RoHS compliant
 Available in “Green” device
Applications
 ESD protection
Ordering Information
Part Number
Marking Code
Package
Packaging
SDZ6V2AD
T2
SOD-323
Tape & Reel
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
SOD-323
T 2= Specific Device Code
□ = Year & Week Code Marking
= Color band denote cathode
T 2


Número de pieza similar - SDZ6V2AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDZ6V2AD AUK-SDZ6V2AD Datasheet
120Kb / 3P
   ESD Protection Diode
More results

Descripción similar - SDZ6V2AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SDZ6V8AQ KODENSHI-SDZ6V8AQ Datasheet
171Kb / 5P
   ESD Protection Zener Diode
SDZ5V6AWA KODENSHI-SDZ5V6AWA Datasheet
163Kb / 5P
   ESD Protection Zener Diode
SDZ6V8AQ KODENSHI-SDZ6V8AQ_18 Datasheet
123Kb / 5P
   ESD Protection Zener Diode
logo
Weitron Technology
WT-Z106N-AU4 WEITRON-WT-Z106N-AU4 Datasheet
167Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-4-14 WEITRON-WT-Z106P-4-14 Datasheet
175Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z105P-AU4 WEITRON-WT-Z105P-AU4 Datasheet
166Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-4-12 WEITRON-WT-Z106P-4-12 Datasheet
175Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z106P-AU4-14 WEITRON-WT-Z106P-AU4-14 Datasheet
126Kb / 1P
   Zener Diode Chips for ESD Protection
WT-Z206V-AU4 WEITRON-WT-Z206V-AU4 Datasheet
193Kb / 1P
   Zener Diode Chips for ESD Bidrectional Protection
WT-Z210P WEITRON-WT-Z210P Datasheet
60Kb / 1P
   Zener Diode Chips (Dual Pad) for ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com