Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5400G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 1N5400G
Descripción Electrónicos  Axial-Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5400G Datasheet(HTML) 1 Page - ON Semiconductor

  1N5400G Datasheet HTML 1Page - ON Semiconductor 1N5400G Datasheet HTML 2Page - ON Semiconductor 1N5400G Datasheet HTML 3Page - ON Semiconductor 1N5400G Datasheet HTML 4Page - ON Semiconductor 1N5400G Datasheet HTML 5Page - ON Semiconductor 1N5400G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 10
1
Publication Order Number:
1N5400/D
1N5400 thru 1N5408
1N5404 and 1N5406 are Preferred Devices
Axial-Lead Standard
Recovery Rectifiers
Lead mounted standard recovery rectifiers are designed for use in
power supplies and other applications having need of a device with the
following features:
Features
High Current to Small Size
High Surge Current Capability
Low Forward Voltage Drop
Void−Free Economical Plastic Package
Available in Volume Quantities
Plastic Meets UL 94 V−0 for Flammability
These are Pb−Free Devices
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.1 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
STANDARD RECOVERY
RECTIFIERS
50−1000 VOLTS
3.0 AMPERES
AXIAL LEAD
CASE 267−05
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
A
= Assembly Location
1N540x = Device Number
x
= 0, 1, 2, 4, 6, 7 or 8
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
A
1N
540x
YYWWG
G
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)


Número de pieza similar - 1N5400G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Rectron Semiconductor
1N5400G RECTRON-1N5400G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
1N5400G SHUNYE-1N5400G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G Datasheet
230Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
1N5400G RFE-1N5400G Datasheet
2Mb / 3P
   General Purpose Rectifier 1N5400G Through 1N5408G
08-04-2021
More results

Descripción similar - 1N5400G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com