Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3842A Datasheet(PDF) 5 Page - Unisonic Technologies

No. de pieza UC3842A
Descripción Electrónicos  CURRENT MODE PWM CONTROL CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842A Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3842A_11 Datasheet HTML 1Page - Unisonic Technologies UC3842A_11 Datasheet HTML 2Page - Unisonic Technologies UC3842A_11 Datasheet HTML 3Page - Unisonic Technologies UC3842A_11 Datasheet HTML 4Page - Unisonic Technologies UC3842A_11 Datasheet HTML 5Page - Unisonic Technologies UC3842A_11 Datasheet HTML 6Page - Unisonic Technologies UC3842A_11 Datasheet HTML 7Page - Unisonic Technologies UC3842A_11 Datasheet HTML 8Page - Unisonic Technologies UC3842A_11 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-002.F
OPEN-LOOP LABORATORY TEST FIXTURE
High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 5 in single point GND. The transistor and 5k
Ω potentio-meter are used
to sample the oscillator waveform and apply an adjustable Ramp to Pin 3.
UNDER-VOLTAGE LOCKOUT
During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin 6 should be shunt to
GND with a bleeder resistor to prevent activating the power switch with output leakage currents.
ERROR AMPLIFIER CONFIGURATION
2
1
0.5mA
2.5V
Zf
Zi
Error amplifier can source or sink up to 0.5mA


Número de pieza similar - UC3842A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842AD1 STMICROELECTRONICS-UC3842AD1 Datasheet
174Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May 2004 REV. 5
logo
Unisonic Technologies
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Descripción similar - UC3842A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com