Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDC36 Datasheet(PDF) 1 Page - Semtech Corporation

No. de Pieza. SDC36
Descripción  TVS Diode Array for Proximity Switch Input Protection
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo 

SDC36 Datasheet(HTML) 1 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SDC36
TVS Diode Array for
Proximity Switch Input Protection
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 9/2000
The SDC36 is a high-surge transient voltage suppres-
sor (TVS) optimized for protection of sensitive digital
sensors used in proximity switches and industrial
control applications. The SDC36 protects the compo-
nents from over-voltages caused by electrostatic
discharge (ESD), electrical fast transients (EFT), and
tertiary lightning.
The unique design of the SDC36 incorporates two TVS
diodes in a compact SOT23 package for applications
where board space is at a premium. The single pack-
age provides protection for the I/O line and power
supply rail with high surge capabilities (2 Amps at
tp=1.2/50us) and an exceptionally low clamping
voltage of <45V.
The SDC36 replaces up to two large discrete diodes
providing the designer an easy to implement integrated
solution. The features of the SDC36 are ideal for
protection of two, three, and four wire DC high-side
proximity switches.
Applications
Mechanical Characteristics
u Two, Three, and Four Wire DC High-Side Proximity
Switches
u Digital Sensor Input Protection
u Industrial Controls
u 24V - 33V DC Supply Protection
u 350 watts peak pulse power (tp = 8/20µs)
u Transient protection for data & power lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 2A (1.2/50µs)
u Replaces two discrete devices
u Low clamping voltage
u Low leakage current
u High surge capability
u Solid-state silicon avalanche technology
u JEDEC SOT23 package
u Molding compound flammability rating: UL 94V-0
u Marking : DC36
u Packaging : Tape and Reel per EIA 481
SOT23 (Top View)


Html Pages

1  2  3  4  5  6