Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6668 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2N6668
Descripción Electrónicos  Darlington Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6668 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6668 Datasheet HTML 1Page - ON Semiconductor 2N6668 Datasheet HTML 2Page - ON Semiconductor 2N6668 Datasheet HTML 3Page - ON Semiconductor 2N6668 Datasheet HTML 4Page - ON Semiconductor 2N6668 Datasheet HTML 5Page - ON Semiconductor 2N6668 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 6
1
Publication Order Number:
2N6667/D
2N6667, 2N6668
Darlington Silicon
Power Transistors
Designed for general-purpose amplifier and low speed switching
applications.
High DC Current Gain -
hFE = 3500 (Typ) @ IC = 4.0 Adc
Collector-Emitter Sustaining Voltage - @ 200 mAdc
VCEO(sus) = 60 Vdc (Min) - 2N6667
= 80 Vdc (Min) - 2N6668
Low Collector-Emitter Saturation Voltage -
VCE(sat) = 2.0 Vdc (Max)@ IC = 5.0 Adc
Monolithic Construction with Built-In Base-Emitter Shunt Resistors
TO-220AB Compact Package
Complementary to 2N6387, 2N6388
Pb-Free Packages are Available*
Figure 1. Darlington Schematic
BASE
EMITTER
COLLECTOR
≈ 8 k
≈ 120
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
2N6667
TO-220AB
50 Units/Rail
MARKING
DIAGRAM
PNP SILICON
DARLINGTON
POWER TRANSISTORS
10 A, 60-80 V, 65 W
x
= 7 or 8
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb-Free Package
2N6667G
TO-220AB
(Pb-Free)
50 Units/Rail
2N6668
TO-220AB
50 Units/Rail
2N6668G
TO-220AB
(Pb-Free)
50 Units/Rail
http://onsemi.com
CASE 221A-09
TO-220AB
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4
2N666x
AYWWG


Número de pieza similar - 2N6668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6668 MOSPEC-2N6668 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
logo
ON Semiconductor
2N6668 ONSEMI-2N6668 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
STMicroelectronics
2N6668 STMICROELECTRONICS-2N6668 Datasheet
68Kb / 4P
   SILICON PNP POWER DARLINGTON TRANSISTOR
July 1997
logo
Boca Semiconductor Corp...
2N6668 BOCA-2N6668 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Central Semiconductor C...
2N6668 CENTRAL-2N6668 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
More results

Descripción similar - 2N6668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com