Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N136 Datasheet(PDF) 5 Page - Sharp Corporation

No. de pieza 6N136
Descripción Electrónicos  General Purpose Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N136 Datasheet(HTML) 5 Page - Sharp Corporation

  6N136 Datasheet HTML 1Page - Sharp Corporation 6N136 Datasheet HTML 2Page - Sharp Corporation 6N136 Datasheet HTML 3Page - Sharp Corporation 6N136 Datasheet HTML 4Page - Sharp Corporation 6N136 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
200
400
600
800
- 60
- 20
20
60
100
80
40
0
-40
Ambient Temperature
Fig. 7 Propagation Delay Time vs.
Ambient temperature T a (˚C)
- 60
- 40
- 20
0
20
100
80
60
40
VCC =VO =5V
Ambient Temperature
Ambient temperature T a (˚C)
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
Fig. 8 High Level Output Current vs.
Frequency f ( MHz )
-20
-15
-10
-5
0
-25
-30
0.1
0.2
0.5
1
2
5
10
220
470
1k
Fig. 9 Frequency Response
IF = 16mA
T a =25˚C
RL = 100Ω
15V
VO
AC
Input
20k
RL
1.6V DC
0.25V
AC
5V
1
2
3
4
8
7
6
5
( 1) It is recommended that a by-pass capacitor of more than 0.01 F be added between VCC and
GND near the device in order to stabilize power supply line.
( 2) Transistor of detector side in bipolar configuration is apt to be affected by static electricity
for its minute design. When handling them, general counterplan against static electricity
should be taken to avoid breakdown of devices or degradation of characteristics.
s Precautions for Use
6N135/6N136
Test Circuit for Frequency Characteristic
VCC =5V
IF = 16mA
t PLH
t PHL
( Page 78 to 93 )
PP
-
6N136 (RL = 1.9k Ω )
6N135 (RL = 4.1k Ω )
As for other general cautions, please refer to the chapter “ Precautions for Use ” .
µ
q


Número de pieza similar - 6N136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Siemens Semiconductor G...
6N136 SIEMENS-6N136 Datasheet
85Kb / 3P
   HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
logo
Vishay Siliconix
6N136 VISHAY-6N136 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
More results

Descripción similar - 6N136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
   General Purpose Type Photocoupler
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
   General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
logo
Lite-On Technology Corp...
LTV-4N28 LITEON-LTV-4N28 Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com