Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMBT2131T1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. MMBT2131T1G
Descripción  General Purpose Transistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

MMBT2131T1G Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBT2131T1/D
MMBT2131T1
General Purpose
Transistors
PNP Bipolar Junction Transistor
(Complementary NPN Device: MMBT2132T1/T3)
NOTE: Voltage and Current are negative for the PNP Transistor.
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
30
V
Collector−Base Voltage
VCBO
40
V
Emitter−Base Voltage
VEBO
5.0
V
Collector Current
IC
700
mA
Base Current
IB
350
mA
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance, Junction−to−Ambient
(Note 1)
PD
PD
RqJA
342
178
366
mW
mW
°C/W
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance, Junction−to−Ambient
(Note 2)
PD
PD
RqJA
665
346
188
mW
mW
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Minimum FR−4 or G−10 PCB, Operating to Steady State.
2. Mounted onto a 2
″ square FR−4 Board (1″ sq. 2 oz Cu 0.06″ thick single
sided), Operating to Steady State.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MMBT2131T1
SC−74
3000/Tape & Reel
SC−74
CASE 318F
STYLE 2
1
2
4
0.7 AMPERES
30 VOLTS − V(BR)CEO
342 mW
COLLECTOR
PINS 2, 5
BASE
PIN 6
EMITTER
PIN 3
3
5
6
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MARKING DIAGRAM
MMBT2131T1G
SC−74
(Pb−Free)
3000/Tape & Reel
DB M
G
G
DB = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn