Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP122G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza TIP122G
Descripción Electrónicos  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP122G Datasheet(HTML) 2 Page - ON Semiconductor

  TIP122G Datasheet HTML 1Page - ON Semiconductor TIP122G Datasheet HTML 2Page - ON Semiconductor TIP122G Datasheet HTML 3Page - ON Semiconductor TIP122G Datasheet HTML 4Page - ON Semiconductor TIP122G Datasheet HTML 5Page - ON Semiconductor TIP122G Datasheet HTML 6Page - ON Semiconductor TIP122G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP120, TIP121, TIP122 (NPN); TIP125, TIP126, TIP127 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
TIP120,
TIP125
TIP121,
TIP126
TIP122,
TIP127
Unit
Collector-Emitter Voltage
VCEO
60
80
100
Vdc
Collector-Base Voltage
VCB
60
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current - Continuous
- Peak
IC
5.0
8.0
Adc
Base Current
IB
120
mAdc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
65
0.52
W
W/
°C
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
2.0
0.016
W
W/
°C
Unclamped Inductive Load Energy (Note 1)
E
50
mJ
Operating and Storage Junction, Temperature Range
TJ, Tstg
– 65 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction-to-Case
RqJC
1.92
°C/W
Thermal Resistance, Junction-to-Ambient
RqJA
62.5
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. IC = 1 A, L = 100 mH, P.R.F. = 10 Hz, VCC = 20 V, RBE = 100 W
ORDERING INFORMATION
Device
Package
Shipping
TIP120
TO-220
50 Units / Rail
TIP120G
TO-220
(Pb-Free)
50 Units / Rail
TIP121
TO-220
50 Units / Rail
TIP121G
TO-220
(Pb-Free)
50 Units / Rail
TIP122
TO-220
50 Units / Rail
TIP122G
TO-220
(Pb-Free)
50 Units / Rail
TIP125
TO-220
50 Units / Rail
TIP125G
TO-220
(Pb-Free)
50 Units / Rail
TIP126
TO-220
50 Units / Rail
TIP126G
TO-220
(Pb-Free)
50 Units / Rail
TIP127
TO-220
50 Units / Rail
TIP127G
TO-220
(Pb-Free)
50 Units / Rail


Número de pieza similar - TIP122G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
TIP122G ONSEMI-TIP122G Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
TIP122G ONSEMI-TIP122G Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
More results

Descripción similar - TIP122G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com