Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HI-574A Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza HI-574A
Descripción Electrónicos  Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-574A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI-574A_08 Datasheet HTML 5Page - Intersil Corporation HI-574A_08 Datasheet HTML 6Page - Intersil Corporation HI-574A_08 Datasheet HTML 7Page - Intersil Corporation HI-574A_08 Datasheet HTML 8Page - Intersil Corporation HI-574A_08 Datasheet HTML 9Page - Intersil Corporation HI-574A_08 Datasheet HTML 10Page - Intersil Corporation HI-574A_08 Datasheet HTML 11Page - Intersil Corporation HI-574A_08 Datasheet HTML 12Page - Intersil Corporation HI-574A_08 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN3096.6
August 7, 2008
Definitions of Specifications
Linearity Error
Linearity error refers to the deviation of each individual code
from a line drawn from “zero” through “full scale”. The point
used as “zero” occurs 1/2 LSB (1.22mV for 10V span) before
the first code transition (all zeros to only the LSB “on”). “Full
scale” is defined as a level 11/2 LSB beyond the last code
transition (to all ones). The deviation of a code from the true
straight line is measured from the middle of each particular
code.
The HI-X74AK grade is guaranteed for maximum nonlinearity
of ±1/2 LSB. For this grade, this means that an analog value
which falls exactly in the center of a given code width will result
in the correct digital output code. Values nearer the upper or
lower transition of the code width may produce the next upper
or lower digital output code. The HI-X74AJ is guaranteed to
±1
LSB max error. For this grade, an analog value which falls
within a given code width will result in either the correct code for
that region or either adjacent one.
Note that the linearity error is not user-adjustable.
Differential Linearity Error (No Missing Codes)
A specification which guarantees no missing codes requires
that every code combination appear in a monotonic increasing
sequence as the analog input level is increased. Thus every
code must have a finite width. For the HI-X74AK grade, which
guarantees no missing codes to 12-bit resolution, all 4096
codes must be present over the entire operating temperature
ranges. The HI-X74AJ grade guarantees no missing codes to
11-bit resolution over temperature; this means that all code
combinations of the upper 11 bits must be present; in practice
very few of the 12-bit codes are missing.
Unipolar Offset
The first transition should occur at a level 1/2 LSB above analog
common. Unipolar offset is defined as the deviation of the
actual transition from that point. This offset can be adjusted as
discussed on the following pages. The unipolar offset
temperature coefficient specifies the maximum change of the
transition point over temperature, with or without external
adjustment.
Bipolar Offset
Similarly, in the bipolar mode, the major carry transition
(0111 1111 1111 to 1000 0000 0000) should occur for an
analog value 1/2 LSB below analog common. The bipolar
offset error and temperature coefficient specify the initial
deviation and maximum change in the error over
temperature.
Full Scale Calibration Error
The last transition (from 1111 1111 1110 to 1111 1111 1111)
should occur for an analog value 11/2 LSB below the
nominal full scale (9.9963V for 10.000V full scale). The full
scale calibration error is the deviation of the actual level at
the last transition from the ideal level. This error, which is
typically 0.05 to 0.1% of full scale, can be trimmed out as
shown in Figures 1 and 2. The full scale calibration error
over temperature is given with and without the initial error
trimmed out. The temperature coefficients for each grade
indicate the maximum change in the full scale gain from the
initial value using the internal 10V reference.
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1VLOGIC
Logic supply pin (+5V)
2
12/8
Data Mode Select - Selects between
12-bit and 8-bit output modes.
3CS
Chip Select - Chip Select high disables
the device.
4AO
Byte Address/Short Cycle - See Table 3
for operation.
5R/C
Read/Convert - See Table 3 for operation.
6
CE
Chip Enable - Chip Enable low disables
the device.
7VCC
Positive Supply (+12V/+15V)
8
REF OUT
+10V Reference
9
AC
Analog Common
10
REF IN
Reference Input
11
VEE
Negative Supply (-12V/-15V).
12
BIP OFF
Bipolar Offset
13
10V Input
10V Input - Used for 0V to 10V and -5V to
+5V input ranges.
14
20V Input
20V Input - Used for 0V to 20V and -10V to
+10V input ranges.
15
DC
Digital Common
16
DB0
Data Bit 0 (LSB)
17
DB1
Data Bit 1
18
DB2
Data Bit 2
19
DB3
Data Bit 3
20
DB4
Data Bit 4
21
DB5
Data Bit 5
22
DB6
Data Bit 6
23
DB7
Data Bit 7
24
DB8
Data Bit 8
25
DB9
Data Bit 9
26
DB10
Data Bit 10
27
DB11
Data Bit 11 (MSB)
28
STS
Status Bit - Status high implies a conversion
is in progress.
HI-574A, HI-674A


Número de pieza similar - HI-574A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
More results

Descripción similar - HI-574A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com