Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB4-W1C3-304 Datasheet(PDF) 2 Page - Dialight Corporation

No. de pieza SB4-W1C3-304
Descripción Electrónicos  White LED Recessed Spot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALIGHT [Dialight Corporation]
Página de inicio  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SB4-W1C3-304 Datasheet(HTML) 2 Page - Dialight Corporation

  SB4-W1C3-304 Datasheet HTML 1Page - Dialight Corporation SB4-W1C3-304 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDTBSB4X001_05
White LED Recessed Spot
Part Number
Description
Color Temp (CCT)
Typical Power Ratings
see above chart
10-36VDC, 12-24VAC operation
2800
oK to 3600oK
250 mAmps @ 24 VDC
Warm White Vert
Warm White Horiz
Cool White Vert
Cool White Horiz
Part Number
Description
Finish
SB4-W1C3-301
Warm White
White
SB4-W1C3-302
Warm White
Ivory
SB4-W1C3-303
Warm White
Chrome
SB4-W1C3-304
Warm White
Brass
SB4-W1C3-305
Warm White
Black
SB4-C1C3-301
Cool White
White
SB4-C1C3-302
Cool White
Ivory
SB4-C1C3-303
Cool White
Chrome
SB4-C1C3-304
Cool White
Brass
SB4-C1C3-305
Cool White
Black


Número de pieza similar - SB4-W1C3-304

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
SB4-DMS COOPER-SB4-DMS Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP PF-SB4-OR-4CP Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
   Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
More results

Descripción similar - SB4-W1C3-304

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chicago Miniature Lamp,...
192BX35X CML-192BX35X Datasheet
409Kb / 1P
   LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
192BX25X CML-192BX25X Datasheet
409Kb / 1P
   LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
190BX35X CML-190BX35X Datasheet
411Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
190BX25X CML-190BX25X Datasheet
411Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
logo
BetLux Electronics
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
   JDR LED Spot Lamp
logo
Chicago Miniature Lamp,...
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
   7mm Spot Diameter LED
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com