Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3282EMRTEP Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL3282EMRTEP
Descripción Electrónicos  RS-485/RS-422 Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EMRTEP Datasheet(HTML) 6 Page - Intersil Corporation

  ISL3282EMRTEP Datasheet HTML 1Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 2Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 3Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 4Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 5Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 6Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 7Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ISL3282EMRTEP
6
FN7595.1
February 15, 2011
Typical Performance Curves C
L = 15pF, TA = +25°C; Unless Otherwise Specified.
FIGURE 4. SUPPLY CURRENT vs TEMPERATURE
FIGURE 5. VL SUPPLY CURRENT vs ENABLE PIN VOLTAGE
FIGURE 6. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 7. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 8. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
FIGURE 9. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
370
380
390
400
410
420
430
440
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VCC = VL = 3.3V
VCC = VL = 5.5V
02
4
RE VOLTAGE (V)
13
5
0
50
100
150
200
250
67 7.5
VCC = 5V OR 3.3V
VL = 3.3V
VL = 5V, VCC = 5V ONLY
VL = 2.5V
VL ≤ 1.8V
RECEIVER OUTPUT VOLTAGE (V)
03
4
5
2
1
0
10
20
30
40
50
60
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = VL = 5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
5
10
30
0
0.5
1.0
1.5
2.0
2.5
3.0 3.3
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 3.3V
VOH, +125°C
VOL, +125°C
VOH, +85°C
20
15
25
0
0.5
1.0
1.5
2.0
2.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 2.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
2
4
6
8
10
12
14
16
18
20
0
1
8
9
0
0.5
1.0
1.5
1.8
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 1.8V
VOH, +125°C
VOL, +125°C
VOH, +85°C
2
3
4
5
6
7


Número de pieza similar - ISL3282EMRTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL3282EMRTEP RENESAS-ISL3282EMRTEP Datasheet
520Kb / 9P
   ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
ISL3282EMRTEP-TK RENESAS-ISL3282EMRTEP-TK Datasheet
520Kb / 9P
   ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
More results

Descripción similar - ISL3282EMRTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com