Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28005FH50Z-T7A Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28005FH50Z-T7A
Descripción Electrónicos  Micropower, Rail-to-Rail Input Current Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH50Z-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28005FH50Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 11Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 12Page - Intersil Corporation ISL28005FH50Z-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISL28005
9
FN6973.4
July 1, 2011
Applications Information
Functional Description
The ISL28005-20, ISL28005-50 and ISL28005-100 are single
supply, uni-directional current sense amplifiers with fixed gains
of 20V/V, 50V/V and 100V/V respectively.
The ISL28005 is a 2-stage amplifier. Figure 18 shows the active
circuitry for high-side current sense applications where the sense
voltage is between 1.35V to 28V. Figure 19 shows the active
circuitry for ground sense applications where the sense voltage is
between 0V to 1.35V.
The first stage is a bi-level trans-conductance amp and level
translator. The gm stage converts the low voltage drop (VSENSE)
sensed across an external milli-ohm sense resistor, to a current
(@ gm = 21.3µA/V). The trans-conductance amplifier forces a
current through R1 resulting to a voltage drop across R1 that is
equal to the sense voltage (VSENSE). The current through R1 is
mirrored across R5 creating a ground-referenced voltage at the
input of the second amplifier equal to VSENSE.
The second stage is responsible for the overall gain and
frequency response performance of the device. The fixed gains
(20, 50, 100) are set with internal resistors Rf and Rg. The only
external component needed is a current sense resistor (typically
0.001
Ω to 0.01Ω, 1W to 2W).
The transfer function is given in Equation 1.
The input gm stage derives its ~2.86µA supply current from the
input source through the RS+ terminal as long as the sensed
voltage at the RS+ pin is >1.35V and the gmHI amplifier is
selected. When the sense voltage at RS+ drops below the 1.35V
threshold, the gmLO amplifier kicks in and the gmLO output
current reverses, flowing out of the RS- pin.
Test Circuits and Waveforms
FIGURE 13. IS, VOS, VOA, CMRR, PSRR, GAIN ACCURACY
FIGURE 14. INPUT BIAS CURRENT, LEAKAGE CURRENT
FIGURE 15. SLEW RATE, ts, SATURATION RECOVERY TIME
FIGURE 16. GAIN vs FREQUENCY
FIGURE 17. SLEW RATE
RS+
VCC
RS-
VOUT
OUT
RL
GND
VSENSE
VRS+
1M
Ω
+
-
+
-
RS+
VCC
RS-
VOUT
OUT
RL
GND
VSENSE
VRS+
1M
Ω
+
-
+
-
R1
R2
VR1
VR2
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS-
VRS+
1M
Ω
PULSE
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VSENSE
VRS+
1M
Ω
SIGNAL
GENERATOR
RS+
VCC
RS-
VOUT
OUT
RL
GND
VRS+
1M
Ω
PULSE
GENERATOR
VOUT
GAIN
ISRS VOS
+
()
×
=
(EQ. 1)


Número de pieza similar - ISL28005FH50Z-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28005FH50Z-T7A INTERSIL-ISL28005FH50Z-T7A Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH50Z-T7A INTERSIL-ISL28005FH50Z-T7A Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH50Z-T7A RENESAS-ISL28005FH50Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Descripción similar - ISL28005FH50Z-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com