Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLHS6342TRPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRLHS6342TRPBF
Descripción Electrónicos  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6342TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLHS6342TRPBF Datasheet HTML 1Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 2Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 3Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 4Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 5Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 6Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 7Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 8Page - International Rectifier IRLHS6342TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLHS6342PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD, Source-to-Drain Voltage (V)
1.0
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID = 10µA
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
TC , Case Temperature (°C)
0
2
4
6
8
10
12
14
16
18
20
Limited By Package
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC
Limited by
Wire Bond


Número de pieza similar - IRLHS6342TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLHS6342 IRF-IRLHS6342 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHS6342PBF IRF-IRLHS6342PBF Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLHS6342PBF IRF-IRLHS6342PBF_15 Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Descripción similar - IRLHS6342TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com