Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL45042 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL45042
Descripción Electrónicos  LCD Module Calibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL45042 Datasheet HTML 1Page - Intersil Corporation ISL45042 Datasheet HTML 2Page - Intersil Corporation ISL45042 Datasheet HTML 3Page - Intersil Corporation ISL45042 Datasheet HTML 4Page - Intersil Corporation ISL45042 Datasheet HTML 5Page - Intersil Corporation ISL45042 Datasheet HTML 6Page - Intersil Corporation ISL45042 Datasheet HTML 7Page - Intersil Corporation ISL45042 Datasheet HTML 8Page - Intersil Corporation ISL45042 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6072.9
April 13, 2011
CTL EEPROM Program Voltage
CTLPROM
2.6V < VDD < 3.6V, (Note 6)
Full
4.9
-
15.75
V
CTL EEPROM Programming
Signal Time
CTLPT
>4.9V
Full
200
-
-
µs
Programming Time
PT
Full
-
-
100
ms
SET Voltage Resolution
SETVR
(Note 8)
Full
7
7
7
Bits
SET Differential Nonlinearity
SETDN
Monotonic Over-Temperature
Full
-
-
±1
LSB
SET Zero-Scale Error
SETZSE
Full
-
-
±3
LSB
SET Full-Scale Error
SETFSE
Full
-
-
±8
LSB
SET Current
ISET
Through RSET (Note 11)
Full
-
20
-
µA
SET External Resistance
SETER
To GND, AVDD = 20V
Full
10
-
200
k
Ω
To GND, AVDD = 4.5V
Full
2.25
-
45
k
Ω
To GND, AVDD = 15V, VDD = 3V
VOUT > 2.5V (Note 12)
Full
1
-
200
k
Ω
AVDD to SET Voltage Attenuation
AVDD to SET
Full
-
1:20
-
V/V
OUT Settling Time
OUTST
To ±0.5 LSB Error Band (Note 9)
Full
-
20
-
µs
OUT Voltage Range
VOUT
Full
VSET + 0.5V
-
13
V
OUT Voltage Drift
OUTVD
25°C < TA < 55°C (Note 9)
25 to 55
-
<10
-
mV
NOTES:
6. CTL signal only needs to be greater than 4.9V to program EEPROM.
7. Tested at AVDD = 20V.
8. The Counter value is set to mid-scale ±4 LSB’s in the Production.
9. Simulated and Determined via Design and NOT Directly Tested.
10. Simulated Maximum Current Draw when Programming EEPROM is 23mA; should be considered when designing Power Supply.
11. A Typical Current of 20µA is Calculated using AVDD = 10V and RSET = 24.9kΩ. Reference “RSET Resistor” on page 6.
12. Minimum value of RSET resistor guaranteed when: AVDD = 15V, VDD = 3.0V and when voltage on the VOUT pin is greater than 2.5V. Reference
Equation 2 on page 6 with Setting = 128.
13. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications
Test Conditions: VDD = 3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ; Unless Otherwise Specified.
Typicals are at TA = +25°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
ISL45042


Número de pieza similar - ISL45042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A Datasheet
141Kb / 8P
   LCD Module Calibrator
More results

Descripción similar - ISL45042

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com